Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3032 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3032
Description  This application note describes a demonstration board able to drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3032 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3032 Datasheet HTML 6Page - STMicroelectronics AN3032 Datasheet HTML 7Page - STMicroelectronics AN3032 Datasheet HTML 8Page - STMicroelectronics AN3032 Datasheet HTML 9Page - STMicroelectronics AN3032 Datasheet HTML 10Page - STMicroelectronics AN3032 Datasheet HTML 11Page - STMicroelectronics AN3032 Datasheet HTML 12Page - STMicroelectronics AN3032 Datasheet HTML 13Page - STMicroelectronics AN3032 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Ballast design
AN3032
10/26
Doc ID 16165 Rev 2
The voltage on the multiplier pin with the selected component values is recalculated at a
minimum line voltage of 0.77 V and at a maximum line voltage of 2.41 V.
As a result, the multiplier operates correctly within its linear region. To obtain noise immunity,
a capacitor C30 equal to 220 pF is mounted in parallel to R17.
●
Pin9 COMP is the output of the E/A and also one of the two inputs of the multiplier. The
feedback compensation network, placed between this pin and INV (10), is a
capacitor C2 calculated as follows (considering that R6+R11 is the upper resistance of
the voltage divider between the PFC bus and the COMP pin).
Equation 9
C2 has been set to a commercial value of 470//100 nF.
●
Pin10 INV: to implement the voltage control loop, a resistive divider (Figure 6) must be
connected between the regulated output voltage (VBUSpfc = 420 V) of the boost and the
pin. The internal reference on the non-inverting input of the E/A is 2.5 V so R6 and R11
(Figure 6) can then be selected fixing R18 to 18 kΩ.
Equation 10
●
Pin11 ZCD is the input to the zero current detector circuit. The ZCD pin is connected to
the auxiliary winding of the boost inductor through a limiting resistor. The ZCD circuit is
negative-going, edge-triggered: when the voltage on the pin falls below 0.7 V, the PWM
latch is set and the MOSFET is turned on. However, the circuit must first be armed:
prior to falling below 0.7 V, the voltage on pin 11 must experience a positive-going,
edge-exceeding 1.4 V (due to the MOSFET switching off). The maximum main-to-
auxiliary winding turn ratio (m) has to ensure that the voltage delivered to the pin during
the MOSFET's OFF time is sufficient to arm the ZCD circuit.
Equation 11
m has been set to 10.
Considering the upper and lower clamp voltages of the ZCD pin and its minimum sink
current capability according to the maximum and minimum voltages of the PFC bus,
R10 has been calculated and set to 6.8 kΩ.
()
nF
530
R
R
2
10
C
11
6
2
=
+
⋅
π
⋅
=
1
5
.
2
V
R
R
R
BUSpfc
18
11
6
−
=
+
Ω
=
+
M
3
R
R
11
6
10
.
33
4
.
1
V
2
V
m
(max)
inRMS
BUSpfc
=
⋅
−
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com