Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3032 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3032
Description  This application note describes a demonstration board able to drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3032 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3032 Datasheet HTML 8Page - STMicroelectronics AN3032 Datasheet HTML 9Page - STMicroelectronics AN3032 Datasheet HTML 10Page - STMicroelectronics AN3032 Datasheet HTML 11Page - STMicroelectronics AN3032 Datasheet HTML 12Page - STMicroelectronics AN3032 Datasheet HTML 13Page - STMicroelectronics AN3032 Datasheet HTML 14Page - STMicroelectronics AN3032 Datasheet HTML 15Page - STMicroelectronics AN3032 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Ballast design
AN3032
12/26
Doc ID 16165 Rev 2
Taking into account a minimum half-bridge switching frequency (fswmin) of 40 kHz and a total
output power (PoutTOT) equal to 2*58 = 116 W, the input capacitor C4 can be determined by
the following equation.
Equation 14
C4 has been set to 470 nF x 2.
3.2.2
Output capacitor
The selection of the output bulk capacitor C1 depends on the DC output voltage, the
admitted overvoltage, the output power and the desired voltage ripple. With the following
values:
●
PFC output voltage VbusPFC = 420 V.
●
coefficient of the low frequency (twice the mains frequency (fmain) = 50 Hz) voltage
ripple r1 = 0.05.
the bulk capacitor can be calculated as:
Equation 15
To obtain the smallest possible ripple and good reliability, a commercial capacitor C1 of
47 µF, 450 V has been used.
3.2.3
Boost inductor
The inductance Lpfc is usually determined so that the minimum switching frequency (fmin pfc)
is greater than the maximum frequency of the internal starter to ensure correct TM
operation. Considering the minimum suggested value for the PFC section (fmin pfc) is 20 kHz
and that this last can occur at either the maximum VinrmsMax = 265 V or the minimum
VinrmsMin = 85 V mains voltage, the inductor value is defined by:
Equation 16
To margin from fmin pfc we have set fpfc to 40 kHz. In this condition, the lower value for the
inductor is determined by Vinrms = VinrmsMin and the result Lpfc = 0.5 mH with (as stated in
the PFCS pin description) a maximum ILmax of 4.75 A (using the inductor 1986-0002
manufactured by MAGNETICA).
F
5
.
1
r
V
f
2
V
P
C
min
in
min
sw
min
in
outTOT
4
μ
=
⋅
⋅
⋅
π
⋅
⋅
η
=
F
21
r
V
f
2
2
V
P
C
1
busPFC
main
busPFC
outTOT
1
μ
=
⋅
⋅
⋅
π
=
(
)
busPFC
out
pfc
min
inrms
busPFC
2
inrms
pfc
V
P
f
2
V
2
V
V
L
⋅
η
⋅
⋅
⋅
−
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com