Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3032 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3032
Description  This application note describes a demonstration board able to drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3032 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3032 Datasheet HTML 18Page - STMicroelectronics AN3032 Datasheet HTML 19Page - STMicroelectronics AN3032 Datasheet HTML 20Page - STMicroelectronics AN3032 Datasheet HTML 21Page - STMicroelectronics AN3032 Datasheet HTML 22Page - STMicroelectronics AN3032 Datasheet HTML 23Page - STMicroelectronics AN3032 Datasheet HTML 24Page - STMicroelectronics AN3032 Datasheet HTML 25Page - STMicroelectronics AN3032 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Bill of materials
AN3032
24/26
Doc ID 16165 Rev 2
R13
51 k
Ω, 5%, 1/8
W
SMD 0805
Any
R14
33 k
Ω, 5%, 1/8
W
SMD 0805
Any
R16
75 k
Ω, 5%, 1/8
W
SMD 0805
Any
R17
13 k
Ω, 5%,
1/4 W
SMD 1206
Any
R18
18 k
Ω, 5%,
1/4 W
SMD 1206
Any
R19
13 k
Ω, 5%,
1/4 W
SMD 1206
Any
R20, R23
10
Ω, 5%,
1/8 W
SMD 0805
Any
R21
130
Ω,
5%
SMD 0805
Any
R22
0.100
Ω, 1%, 1
W
TH radial
Any
R29
10
Ω, 5%,
1/4 W
SMD 1206
Any
R31
0.33
Ω, 1%,
1 W
TH radial
Any
R53
0, 5%, 1/8 W
SMD 0805
Any
R32, R33,
R52
0, 5%, 1/4 W
SMD 1206
Any
R34
82 k
Ω, 5%,
1/4 W
TH radial
Any
R36, R37
82 k
Ω, 5%,
1/4 W
TH radial
Any
R54, R56
1.8 M
Ω, 5%, 1/8
W
SMD 0805
Any
R55, R57
1.5 M
Ω, 5%, 1/8
W
SMD 0805
Any
U1
L6585DE
Combo IC for
PFC and ballast
control
ST
STMicroelectronics
L6585DE
Table 4.
2 x 58 W bill of materials (continued)
Ref.
Value
Type
Package
Manufacturer
Manuf. code
RS
distrelec
other
code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com