Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3032 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3032
Description  This application note describes a demonstration board able to drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3032 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3032 Datasheet HTML 16Page - STMicroelectronics AN3032 Datasheet HTML 17Page - STMicroelectronics AN3032 Datasheet HTML 18Page - STMicroelectronics AN3032 Datasheet HTML 19Page - STMicroelectronics AN3032 Datasheet HTML 20Page - STMicroelectronics AN3032 Datasheet HTML 21Page - STMicroelectronics AN3032 Datasheet HTML 22Page - STMicroelectronics AN3032 Datasheet HTML 23Page - STMicroelectronics AN3032 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Adapting the design for a 2 x 36 W T8 electronic ballast
AN3032
20/26
Doc ID 16165 Rev 2
5
Adapting the design for a 2 x 36 W T8 electronic
ballast
The design developed for 2 x 58 W T8 tubes can be adapted to fit 2 x 36 W T8 tubes. Using
the same resonant circuit, minor adjustments need to be made to the operating frequencies
of the lamp.
Equation 18
By means of Equation 1, 2 and 3, the following components can be calculated.
Equation 19
To improve the 2 x 36 W board performance, we suggest inserting a capacitor C4 set at
220 nF and a resistor R21 set at 68 Ω.
kHz
49
f
run =
kHz
65
f
preh =
Ω
=
k
27
R14
Ω
=
k
77
R13
nF
)
47
220
(
267
C6
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com