Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4027 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4027
Description  This application note describes the EVL6699-150W-SR demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4027 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4027 Datasheet HTML 2Page - STMicroelectronics AN4027 Datasheet HTML 3Page - STMicroelectronics AN4027 Datasheet HTML 4Page - STMicroelectronics AN4027 Datasheet HTML 5Page - STMicroelectronics AN4027 Datasheet HTML 6Page - STMicroelectronics AN4027 Datasheet HTML 7Page - STMicroelectronics AN4027 Datasheet HTML 8Page - STMicroelectronics AN4027 Datasheet HTML 9Page - STMicroelectronics AN4027 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Main characteristics and circuit description
AN4027
6/41
DocID022604 Rev 3
1
Main characteristics and circuit description
The SMPS main features are listed below:
The circuit is made up of two stages: a front-end PFC using the L6563H, an LLC resonant
converter based on the L6699, and the SRK2000A, controlling the SR MOSFETs on the
secondary side. The SR driver and the rectifier MOSFETs are mounted on a daughterboard.
The L6563H is a current mode PFC controller operating in transition mode and implements
a high-voltage startup to power on the converter.
The L6699 integrates all the functions necessary to properly control the resonant converter
with a 50 % fixed duty cycle and working with variable frequency.
The output rectification is managed by the SRK2000A, an SR driver dedicated to LLC
resonant topology.
The PFC stage works as pre-regulator and powers the resonant stage with a constant
voltage of 400 V. The downstream converter operates only if the PFC is on and regulating.
In this way, the resonant stage can be optimized for a narrow input voltage range.
The L6699 LINE pin (pin 7) is dedicated to this function. It is used to prevent the resonant
converter from working with too low input voltage that can cause incorrect Capacitive mode
operation. If the bulk voltage (PFC output) is below 380 V, the resonant startup is not
allowed. The L6699 LINE pin internal comparator has a current hysteresis allowing the turn-
on and turn-off voltage to be independently set. The turn-off threshold has been set to 300 V
to let the resonant stage operate in the case of mains sag and consequent PFC output dip.
The transformer uses the integrated magnetic approach, incorporating the resonant series
inductance. Therefore, no external, additional coil is needed for the resonance. The
transformer configuration chosen for the secondary winding is center tap.
Table 1. Main characteristics and circuit description
Parameter
Value
Input mains range
90 - 264 Vac - frequency 45 to 65 Hz
Output voltage
12 V at 12.5 A continuous operation
Mains harmonics
Meets EN61000-3-2 Class-D and JEITA-MITI Class-D
No load mains consumption
< 0.15 W according to European CoC Tier 2 for external
power supplies
Minimum four points average efficiency in
active mode
> 89% according to European CoC Tier 2 for external
power supplies
Minimum efficiency in active mode at 10 %
load of full rated output current
> 79% according to European CoC Tier 2 for external
power supplies
EMI
Within EN55022 Class-B limits
Safety
Meets EN60950
Dimensions
65 x 154 mm, 28 mm component maximum height
PCB
Double side, 70 µm, FR-4, mixed PTH/SMT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com