Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4027 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4027
Description  This application note describes the EVL6699-150W-SR demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4027 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4027 Datasheet HTML 10Page - STMicroelectronics AN4027 Datasheet HTML 11Page - STMicroelectronics AN4027 Datasheet HTML 12Page - STMicroelectronics AN4027 Datasheet HTML 13Page - STMicroelectronics AN4027 Datasheet HTML 14Page - STMicroelectronics AN4027 Datasheet HTML 15Page - STMicroelectronics AN4027 Datasheet HTML 16Page - STMicroelectronics AN4027 Datasheet HTML 17Page - STMicroelectronics AN4027 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
Efficiency measurements
AN4027
14/41
DocID022604 Rev 3
2.1
ENERGY STAR® for external power supplies ver. 2.0
compliance verification
In Table 3 the comparison between the regulation requirements and the test results are
reported: note that the design overcomes the requirements with margin. The average
efficiency is measured at 25 %, 50 %, 75 %, 100 % load, the no load input power
consumption and the power factor at full load meet these regulation requirements for
adapters.
2.2
ENERGY STAR® for computers ver. 6.0 compliance
verification
Because the EVL6699-150W-SR design is suitable to power even all-in-one computers,
having to meet the ENERGY STAR® regulation for computers, the test results have been
compared with the latest ver. 6.0 requirements of this document. In the comparison
between the regulation requirements and the test results are reported: note that, in this case
the efficiency limit is not the average efficiency measured at different loads but there are
three different values of minimum efficiency to be met, at 20 %, 50 %, and 100 % load. Even
in this case, at full load the minimum power factor must be 0.9 minimum. In all load and line
conditions the EVL6699-150W-SR has efficiency and power factor much better than the
minimum required by the ENERGY STAR® regulation.
Table 3. European CoC Tier 2 and ENERGY STAR® ver. 2.0 for external power
supplies compliance verification
European CoC Tier 2 and ENERGY
STAR® ver. 2.0 requirements for external
power supplies
Test results
Limits
Status
115 Vac - 60 Hz 230 Vac - 50 Hz
Average efficiency 25 %, 50 %, 75 %, 100 %
load
0.901
0.912
> 0.87
Pass
Efficiency at 10% load
0.835
0.865
> 0.79
No load input power [W]
0.132 W
0.145 W
< 0.15 W
Power factor
0.991
0.972
> 0.9
Table 4. ENERGY STAR® for computers ver. 6.0 compliance verification
ENERGY STAR® requirements for
computers ver. 6.0:
Test results
Limits
Status
115
Vac - 60 Hz
230
Vac - 50 Hz
Efficiency at 20 % load
0.842
0.848
> 0.82
Pass
Efficiency at 50 % load
0.906
0.917
> 0.85
Efficiency at 100 % load
0.915
0.932
> 0.82
Power factor
0.991
0.972
> 0.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com