Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4027 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN4027
Description  This application note describes the EVL6699-150W-SR demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4027 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN4027 Datasheet HTML 26Page - STMicroelectronics AN4027 Datasheet HTML 27Page - STMicroelectronics AN4027 Datasheet HTML 28Page - STMicroelectronics AN4027 Datasheet HTML 29Page - STMicroelectronics AN4027 Datasheet HTML 30Page - STMicroelectronics AN4027 Datasheet HTML 31Page - STMicroelectronics AN4027 Datasheet HTML 32Page - STMicroelectronics AN4027 Datasheet HTML 33Page - STMicroelectronics AN4027 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
Bill of material
AN4027
30/41
DocID022604 Rev 3
C34
100 nF
50 V CERCAP - general purpose
AVX
SMD 0805
C36
1 µF - 50 V
50 V CERCAP - general purpose
AVX
SMD 1206
C37
470 µF-16 V
16 V OSCON CAP 16SEPC470M
Sanyo
Dia. 10 x 13 p 5 mm
C38
100 nF
50 V CERCAP - general purpose
AVX
SMD 0805
C39
100 nF
50 V CERCAP - general purpose
AVX
SMD 0805
C40
100 nF
50 V CERCAP - general purpose
AVX
SMD 1206
C42
100 nF
50 V CERCAP - general purpose
AVX
SMD 0805
C43
4.7 nF
50 V CERCAP - general purpose
AVX
SMD 0805
C44
1.5 nF
50 V CERCAP - general purpose
AVX
SMD 0805
C45
220 nF
25 V CERCAP - general purpose
AVX
SMD 0805
C47
1 nF
50 V CERCAP - general purpose
AVX
SMD 0805
C48
1 nF
50 V CERCAP - general purpose
AVX
SMD 0805
C49
470 µF-16 V
16 V OSCON CAP 16SEPC470M
Sanyo
Dia. 10 x 13 p 5 mm
C50
470 µF-16 V
16 V OSCON CAP 16SEPC470M
Sanyo
Dia. 10 x 13 p 5 mm
C51
100 nF
50 V CERCAP - general purpose
AVX
SMD 0805
C52
1 nF
25 V CERCAP - general purpose
AVX
SMD 0805
D1
GBU8J
Single-phase bridge rectifier
Vishay
STYLE GBU
D2
LL4148
High speed signal diode
Vishay
Mini Melf SOD-80
D3
1N4005
General purpose rectifier
Vishay
DO-41
D4
STTH5L06
Ultrafast high-voltage rectifier
ST
DO-201
D5
LL4148
High speed signal diode
Vishay
Mini Melf SOD-80
D6
LL4148
High speed signal diode
Vishay
Mini Melf SOD-80
D7
STPS140Z
Power Schottky rectifier
ST
SOD-123
D9
STPS2H100A
Power Schottky diode
ST
SMB
D12
BZV55-C43
Zener diode
Vishay
Mini Melf SOD-80
D14
LL4148
High speed signal diode
Vishay
Mini Melf SOD-80
D17
LL4148
High speed signal diode
Vishay
Mini Melf SOD-80
D18
LL4148
High speed signal diode
Vishay
Mini Melf SOD-80
D19
LL4148
High speed signal diode
Vishay
Mini Melf SOD-80
D20
BZV55-B15
Zener diode
Vishay
Mini Melf SOD-80
D21
LL4148
High speed signal diode
Vishay
Mini Melf SOD-80
F1
FUSE T4A
Fuse 4 A - time lag - 3921400
Littlefuse
8.5 x 4 p. 5.08 mm
HS1
HEAT-SINK
Heatsink for D1, Q1, Q3, Q4
DWG
Table 7. EVL6699-150W-SR demonstration board: motherboard bill of material (continued)
Des.
Part number /
part value
Description
Supplier
Case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com