Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4027 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN4027
Description  This application note describes the EVL6699-150W-SR demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4027 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN4027 Datasheet HTML 33Page - STMicroelectronics AN4027 Datasheet HTML 34Page - STMicroelectronics AN4027 Datasheet HTML 35Page - STMicroelectronics AN4027 Datasheet HTML 36Page - STMicroelectronics AN4027 Datasheet HTML 37Page - STMicroelectronics AN4027 Datasheet HTML 38Page - STMicroelectronics AN4027 Datasheet HTML 39Page - STMicroelectronics AN4027 Datasheet HTML 40Page - STMicroelectronics AN4027 Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
Revision history
AN4027
40/41
DocID022604 Rev 3
10
Revision history
Table 11. Document revision history
Date
Revision
Changes
19-Jul-2012
1
Initial release.
18-Apr-2013
2
Updated Table 8: EVL6699-150W-SR demonstration board:
daughterboard bill of material.
07-Apr-2014
3
Replaced “SRK2000” by “SRK2000A” in main title 12 V - 150 W
resonant converter with synchronous rectification using the
L6563H, L6699 and SRK2000A on page 1, Section 1 on page
6, Section 4 on page 18, and Section 7 on page 29.
Updated Section : Introduction on page 1.
Updated Table 1 on page 6 (updated “Parameters” and
“Values”).
Updated Figure 2 on page 8 (replaced by new figure).
Updated Equation 2 on page 8 (updated Equation 2 and text
above).
Updated Equation 3 on page 9 (updated Equation 3 and text
below).
Updated Figure 3 on page 12 (updated R72, Q1, and U501
parts, minor modifications).
Updated Table 2 on page 13 (updated “Pin” rows of “No load”,
added rows with 10% load conditions).
Updated Figure 4 on page 13 (replaced by new figure).
Updated Table 3 on page 14 (updated title, header, added
“Efficiency at 10% load” row, updated limits of “No load input
power”).
Updated Table 7 on page 29 (updated “Part number/part value”
of “C18”, updated units throughout Table 7).
Updated Table 8 on page 33 (updated “Description” of “C27”,
“C29”, “C30”, “C37”, “C49”, “C50”, “Part number/part value” of
“R72” and “U501” items, updated units throughout Table 8).
Minor modifications throughout document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com