Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4027 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4027
Description  This application note describes the EVL6699-150W-SR demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4027 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4027 Datasheet HTML 21Page - STMicroelectronics AN4027 Datasheet HTML 22Page - STMicroelectronics AN4027 Datasheet HTML 23Page - STMicroelectronics AN4027 Datasheet HTML 24Page - STMicroelectronics AN4027 Datasheet HTML 25Page - STMicroelectronics AN4027 Datasheet HTML 26Page - STMicroelectronics AN4027 Datasheet HTML 27Page - STMicroelectronics AN4027 Datasheet HTML 28Page - STMicroelectronics AN4027 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
DocID022604 Rev 3
25/41
AN4027
Functional check
41
a MOSFET is hot, the turn-on threshold of its parasitic BJT is lower, this dv/dt-induced
failure is then far more likely.
4.
When either MOSFET is turned on, the other one can be parasitically turned on too, if
the current injected through its Cgd and flowing through the gate driver's pull-down is
large enough to raise the gate voltage close to the turn-on threshold. This would be
a lethal shoot-through condition for the half bridge leg.
5.
The recovery of the body diodes generates large and energetic negative voltage spikes
because of the unavoidable parasitic inductance of the PCB subject to its di/dt. These
are coupled to the OUT pin and may damage the L6699.
6.
There is a large common-mode EMI generation that adversely affects EMC.
Resonant converters work in capacitive mode when their switching frequency falls below
a critical value that depends on the loading conditions and the input-to-output voltage ratio.
They are especially prone to run in capacitive mode when the input voltage is lower than the
minimum specified and/or the output is overloaded or short-circuited. Designing a converter
so that it never works in capacitive mode, even under abnormal operating conditions, is
certainly possible but this may pose unacceptable design constraints in some cases.
To prevent the severe drawbacks of capacitive mode operation, while enabling a design that
needs to ensure Inductive mode operation only in the specified operating range, neglecting
abnormal operating conditions, the L6699 provides the capacitive mode detection function.
The L6699 monitors the phase relationship between the tank current circuit sensed on the
ISEN pin and the voltage applied to the tank circuit by the half bridge, checking that the
former lags behind the latter (inductive mode operation). If the phase-shift approaches zero,
which is indicative of impending capacitive mode operation, the monitoring circuit activates
the anti-capacitive mode protection procedure so that the resulting frequency rise keeps the
converter away from that dangerous condition. Also in this case, the DELAY pin is activated,
so that the OLP function, if used, is eventually tripped, causing intermittent operation and
reducing thermal stress.
If the phase relationship reverses abruptly (which may happen in the case of dead short at
the converter output), the L6699 is stopped immediately, the soft-start capacitor CSS is
totally discharged and a new soft-start cycle is initiated after 50 µs idle time. During this idle
period the PFC_STOP pin is pulled low to stop the PFC stage as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com