Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4027 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN4027
Description  This application note describes the EVL6699-150W-SR demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4027 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN4027 Datasheet HTML 29Page - STMicroelectronics AN4027 Datasheet HTML 30Page - STMicroelectronics AN4027 Datasheet HTML 31Page - STMicroelectronics AN4027 Datasheet HTML 32Page - STMicroelectronics AN4027 Datasheet HTML 33Page - STMicroelectronics AN4027 Datasheet HTML 34Page - STMicroelectronics AN4027 Datasheet HTML 35Page - STMicroelectronics AN4027 Datasheet HTML 36Page - STMicroelectronics AN4027 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
DocID022604 Rev 3
33/41
AN4027
Bill of material
41
R60
10 K
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R63
0
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R64
10 M
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R68
5.6 K
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R69
24 K
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R70
22 K
SMD STD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
SMD 0805
R71
1 K
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 1206
R72
68 K
SMD STD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
SMD 0805
R73
22
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R75
0
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R76
33 K
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R77
1 K
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R78
33
SMD STD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
SMD 1206
R79
270
SMD STD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
SMD 1206
T1
1860.0069
Resonant power transformer
Magnetica
ETD34
U1
L6563H
High-voltage startup TM PFC controller
ST
SO-16
U2
L6699D
Improved HV resonant controller
ST
SO-16
Table 7. EVL6699-150W-SR demonstration board: motherboard bill of material (continued)
Des.
Part number /
part value
Description
Supplier
Case
Table 8. EVL6699-150W-SR demonstration board: daughterboard bill of material
Des.
Part number/
part value
Description
Supplier
Case
C501
4.7 nF
50 V CERCAP - general purpose
Vishay
SMD 0805
C502
100 nF
50 V CERCAP - general purpose
Vishay
SMD 0805
C503
1 µF
50 V CERCAP - general purpose
Vishay
SMD 0805
C504
150 pF
50 V CERCAP - general purpose
Vishay
SMD 0805
C505
150 pF
50 V CERCAP - general purpose
Vishay
SMD 0805
D501
BAS316
Fast switching signal diode
ST
SOD-123
D502
BAS316
Fast switching signal diode
ST
SOD-123
JP501
HEADER 13
13-pin connector
Q501
STL140N4LLF5 N-channel Power MOSFET
ST
PowerFLAT™
Q502
STL140N4LLF5 N-channel Power MOSFET
ST
PowerFLAT™
R501
10
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R502
10
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805
R503
10
SMD STD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
SMD 0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com