Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4027 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4027
Description  This application note describes the EVL6699-150W-SR demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4027 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4027 Datasheet HTML 4Page - STMicroelectronics AN4027 Datasheet HTML 5Page - STMicroelectronics AN4027 Datasheet HTML 6Page - STMicroelectronics AN4027 Datasheet HTML 7Page - STMicroelectronics AN4027 Datasheet HTML 8Page - STMicroelectronics AN4027 Datasheet HTML 9Page - STMicroelectronics AN4027 Datasheet HTML 10Page - STMicroelectronics AN4027 Datasheet HTML 11Page - STMicroelectronics AN4027 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Main characteristics and circuit description
AN4027
8/41
DocID022604 Rev 3
Figure 2. Burst-mode circuit block diagram
The output current is sensed by a resistor (RCS); the voltage drop across this resistor is
amplified by the TSC101, a dedicated high-side current sense amplifier; its output is
compared to a set reference by the TSM1014; if the output load is high, the signal fed into
the CC- pin is above the reference voltage, CC_OUT stays down and the optocoupler
transistor pulls up the L6699 STBY pin to the RFMIN voltage (2 V), setting continuous
switching operation (no burst mode); if the load decreases, the voltage on CC- falls below
the set threshold, CC_OUT goes high opening the connection between RFMIN and STBY
and allowing burst mode operation by the L6699. RCS is dimensioned considering two
constraints. The first is the maximum power dissipation allowed, based on the efficiency
target. The second limitation is imposed by the need to feed a reasonable voltage signal into
the TSM1014A inverting input. In fact, signals which are too small would affect system
accuracy.
On this board, the maximum acceptable power dissipation has been set to
Ploss,MAX = 500 mW. RCS maximum value is calculated as follows:
Equation 1
The burst mode threshold is set at 18 W corresponding to IBM = 1.5 A output current at 12 V.
Choosing VCC+min = 300 mV as minimum reference of the TSM1014A, which permits
a good signal to noise ratio, the RCS minimum value is calculated as follows:
Equation 2
The actual value of the mounted resistor is 2 m
, corresponding to Ploss = 312 mW power
losses at full load. The actual resistor value at the burst mode threshold current provides an
output voltage by the TSC101 of 83 mV. The reference voltage of TSM1014 Vcc+ must be
set at this level. The resistor divider setting the TSM1014 threshold RH and RL should be in
the range of k
 to minimize dissipation. Selecting RL = 22 K, the right RH value is obtained
as follows:
3.2mΩ
=
I
P
=
R
2
MAX
out,
MAX
loss,
MAX
CS,
RCS min
VCC min
+
100 CBM
---------------------------
2m
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com