Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4450 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4450
Description  Hardware and software guidelines for use of LPS25H pressure sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4450 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4450 Datasheet HTML 4Page - STMicroelectronics AN4450 Datasheet HTML 5Page - STMicroelectronics AN4450 Datasheet HTML 6Page - STMicroelectronics AN4450 Datasheet HTML 7Page - STMicroelectronics AN4450 Datasheet HTML 8Page - STMicroelectronics AN4450 Datasheet HTML 9Page - STMicroelectronics AN4450 Datasheet HTML 10Page - STMicroelectronics AN4450 Datasheet HTML 11Page - STMicroelectronics AN4450 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Hardware (designing PCB schematics and layout)
AN4450
8/26
DocID025978 Rev 1
2.1.3
Typical application circuit
Figure 5. LPS25H electrical connection (I²C communication example w/SA0=1)
Key notes:
The device core is supplied through the VDD line. Power supply decoupling capacitors
(100 nF and at least 4.7 µF) must be placed as near as possible to the supply pads of the
device.
VDD_IO should match the one requested by the host controller. In any case VDD_IO must
be the same or lower than VDD. In the example shown here, VDD_IO is connected to VDD.
Please note that the LPS25H does not have an internal pull-up on the I²C lines (SCL and
SDA). They must be added externally according to the I²C bus speed and load, and
connected to VDD_IO.
In I²C mode, SA0 =1 (pin directly connected to VDD_IO) sets the slave address to 0xBA for
write and 0xBB for read. A pull-up resistor could be a better choice if there is a need to
communicate alternatively in I²C or SPI 4-wires, since pin 5 is SDO for SPI 4-wires and of
course it cannot function if hard-connected to VDD_IO.
The I²C interface is compliant with fast mode (400 kHz) I²C standards as well as with normal
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com