Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4450 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4450
Description  Hardware and software guidelines for use of LPS25H pressure sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4450 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4450 Datasheet HTML 14Page - STMicroelectronics AN4450 Datasheet HTML 15Page - STMicroelectronics AN4450 Datasheet HTML 16Page - STMicroelectronics AN4450 Datasheet HTML 17Page - STMicroelectronics AN4450 Datasheet HTML 18Page - STMicroelectronics AN4450 Datasheet HTML 19Page - STMicroelectronics AN4450 Datasheet HTML 20Page - STMicroelectronics AN4450 Datasheet HTML 21Page - STMicroelectronics AN4450 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Using FIFO modes
AN4450
18/26
DocID025978 Rev 1
The whole FIFO content can be read by reading 3x32 bytes from PRESS_OUT_XL location
in a single I²C read transaction. Internally the reading address will automatically roll back
from 0x2A down to 0x28 when FIFO is active to allow a quick read of its content.
5.1.2
Bypass mode (F_MODE[2..0]="000" in FIFO_CTRL (0x2E))
The FIFO is not operational and for this reason the buffer remains empty. The pressure
value is sent directly to PRESS_OUT registers.
5.1.3
FIFO mode (F_MODE[2..0]="001" in FIFO_CTRL (0x2E))
The measurement from the sensor are sent to FIFO buffer, the FIFO content is read using
the registers PRESS_OUT_XL (0x28), PRESS_OUT_L (0x29) and PRESS_OUT_H (0x2A).
An interrupt can be enabled (WTM_EN bit[5] in CTRL_REG2 (0x21) in order to be raised
when the FIFO is filled to the level specified by the WTM_POINT[4..0] bits[4..0] in the
FIFO_CTRL (0x2E) register. The FIFO continues filling until it is full (32 slots of data for XL,
L and H). When full, the FIFO stops collecting incoming pressure measurements.
5.1.4
Stream mode (F_MODE[2..0]="010" in FIFO_CTRL (0x2E))
Like in FIFO mode the measurements are stored in the buffer before being available in
PRESS_OUT_XL, PRESS_OUT_L and PRESS_OUT_H. On the contrary of FIFO mode,
when full, the FIFO discards the older data as the new arrive. An interrupt can be enabled
and set as in FIFO mode though the same register FIFO_CTRL (0x2E).
Stream mode can be used to implement a digital filter averaging the samples stored in the
FIFO.
5.1.5
FIFO mean mode (F_MODE[2..0]="110" in FIFO_CTRL (0x2E))
This mode is used in order to enable the “low noise mode”. In this mode the pressure data
are stored in the FIFO after being averaged depending on AVGP[1..0] bit in register
RES_CONF (0x10).
Pressure data stored in the FIFO buffer are further averaged, to implement a moving
average, using a number of samples defined by WTM_POINT[3..0] in register FIFO_CTRL
(0x2E) and with the speed defined by ODR[2..0] in register CTRL_REG1 (0x20) the result is
placed in PRESS_OUT registers.
There are two possible ways to provide data output pressure averaged by FIFO:
1.
Same data rate (ODR setting) of data coming from sensor when the FIFO_MEAN_DEC
bit[4] of register CTRL_REG2 (0x21) is reset (0=Disable)
2.
Decimated output at 1 Hz when the FIFO_MEAN_DEC bit[4] of register CTRL_REG2
(0x21) is set (1=Enable)
In case 1, we will have the output data averaged by the last samples defined by
WTM_POINT[4..0] in register FIFO_CTRL (0x2E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com