Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4450 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4450
Description  Hardware and software guidelines for use of LPS25H pressure sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4450 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4450 Datasheet HTML 16Page - STMicroelectronics AN4450 Datasheet HTML 17Page - STMicroelectronics AN4450 Datasheet HTML 18Page - STMicroelectronics AN4450 Datasheet HTML 19Page - STMicroelectronics AN4450 Datasheet HTML 20Page - STMicroelectronics AN4450 Datasheet HTML 21Page - STMicroelectronics AN4450 Datasheet HTML 22Page - STMicroelectronics AN4450 Datasheet HTML 23Page - STMicroelectronics AN4450 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Using FIFO modes
AN4450
20/26
DocID025978 Rev 1
Figure 9. Hardware digital filter
The digital filter reduces the pressure noise level to 0.010 hPa rms (1 Pa at 1 sigma) and
allows to reduce the internal ADC HW average, reducing power consumption while keeping
the same pressure noise level.
Filter enabling and suggested configuration
To reduce power consumption while keeping a low noise figure, the recommendation is to
reduce the pressure and temperature averaging, reduce ODR to minimum and enable the
digital filter (FIFO).
For example:
RES_CONF(0x10) = 0x05 (set AVGT=16, AVGP=32, or less)
FIFO_CTRL (0x2E) = 0xC1 (Set FIFO Mean mode with average on 2 samples or more,
up to 0xDF)
CTRL_REG2 (0x21) = 0x40 (FIFO enabled, decimation disabled)
CTRL_REG1 (0x20) = 0x90 (ODR = 1 Hz, power-on device)
In this way, the power consumption at 1 Hz is reduced from the typical 26.4 µA to about 4.5
µA with a pressure noise of 0.01 hPa rms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com