Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4450 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4450
Description  Hardware and software guidelines for use of LPS25H pressure sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4450 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4450 Datasheet HTML 7Page - STMicroelectronics AN4450 Datasheet HTML 8Page - STMicroelectronics AN4450 Datasheet HTML 9Page - STMicroelectronics AN4450 Datasheet HTML 10Page - STMicroelectronics AN4450 Datasheet HTML 11Page - STMicroelectronics AN4450 Datasheet HTML 12Page - STMicroelectronics AN4450 Datasheet HTML 13Page - STMicroelectronics AN4450 Datasheet HTML 14Page - STMicroelectronics AN4450 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
DocID025978 Rev 1
11/26
AN4450
Hardware (designing PCB schematics and layout)
26
The PCB soldering profile depends on the number, size and placement of components on
the board. The soldering profile should be defined by experience, rather than the pressure
sensor soldering profile only.
The JEDEC reflow profile is provided below.
Figure 7. High temperature lead-free soldering profile 260 °C max
No solder material reflow on the side of the package is allowed since *LGA packages show
metal trace out of package side.
No need to use any tape to cover the hole on the CAP of the LPS25H during reflow. The
cleaning of the PCB is not a general task, as it should be cleaned only when the PCB is
contaminated during reflow. ST does not ship the LPS25H covered.
2.2.4
Manual soldering
Apply solder paste (e.g. ALPHA® OM-338-T) on the PCB solder pads using a syringe (air,
bubble free), and position the *LGA accordingly. Then press it to ensure it is flat on the PCB,
and heat it in an oven using the 260 °C JDEC profile (the one shown in Figure 7).
Take care that hand soldering is within spec. In any case, in an emergency situation, coat
the solder pad with tin-lead, and use solder wick to flatten the solder ball. Then put the
soldering iron on the *LGA land marks to deposit solder on the *LGA pads. Then position it,
and use a hot air gun to melt both sides and obtain eutectic bonding (350 °C). However, this
is not recommended. Hot air from the gun must be spread around the package dynamically;
keep moving the air gun around the *LGA.
Solder heat resistance and environmental specification
The second level interconnect category on ST ECOPACK® lead-free package is marked on
the inner box label, in compliance with JEDEC standard JESD97. Soldering condition
maximum ratings are also marked on the same label.
HCLGA/HLGA packages for pressure sensors are qualified for soldering heat resistance
according to JEDEC J-STD-020, in MSL3 condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com