Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4450 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4450
Description  Hardware and software guidelines for use of LPS25H pressure sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4450 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4450 Datasheet HTML 9Page - STMicroelectronics AN4450 Datasheet HTML 10Page - STMicroelectronics AN4450 Datasheet HTML 11Page - STMicroelectronics AN4450 Datasheet HTML 12Page - STMicroelectronics AN4450 Datasheet HTML 13Page - STMicroelectronics AN4450 Datasheet HTML 14Page - STMicroelectronics AN4450 Datasheet HTML 15Page - STMicroelectronics AN4450 Datasheet HTML 16Page - STMicroelectronics AN4450 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DocID025978 Rev 1
13/26
AN4450
Power supply: consumption estimation and optimization
26
operating mode the power consumption depends on HW-averaging (resolution) and output
data rate (auto-refresh frequency) settings. The following formula gives an indication of the
current consumption in relation to average and ODR. This can be used to find the best
compromise, for a given application, between consumption, update speed and filtering.
Equation 2
Idd = [(3uA/Hz +42nA/Hz*Pavg) + 30nA/Hz*Tavg]*ODR
where:
Pavg = value set by AVGP[1:0] (8, 32, 128, 512)
Tavg = value set by AVGT[1:0] (8,16, 32, 64)
ODR = rates according to ODR[2:0] (1, 7, 12.5, 25Hz)
a)
Example 1:
–
ODR= 25 Hz
–
Pavg= pressure average=512
–
Tavg= temperature average=64
–
Idd= 661 µA (Vdd independent at first approximation)
b)
Example 2:
–
ODR=1 Hz
–
Pavg= pressure average=512
–
Tavg= temperature average=64
–
Idd= 26.4 µA
c)
Example 3:
–
ODR= 1 Hz
–
Pavg= pressure average=8
–
Tavg= temperature average=8
–
Idd= 3.6 µA
In order to improve system power saving, the LPS25H embeds a FIFO buffer capable of
storing up to 32 pressure output values. Since the host processor does not need to
continuously poll data from the sensor, it can wake up (on programmable interrupt from the
sensor) only when requested and burst the significant data out from the buffer.
The FIFO can alternatively be configured as moving average to reduce the noise figure (or
to reduce the ODR rate while keeping the same noise figure, traded for delay).
Table 2. ODR, AVGT and AVGP correspondence
ODR[6..4]@0x20
ODR
AVGT[3..2]@0x10
Tavg
AVGP[1..0]@0 x10
Pavg
11Hz
0
8
0
8
27Hz
1
16
1
32
3
12.5Hz
2
32
2
128
4
25Hz
3
64
3
512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com