Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4450 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4450
Description  Hardware and software guidelines for use of LPS25H pressure sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4450 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4450 Datasheet HTML 15Page - STMicroelectronics AN4450 Datasheet HTML 16Page - STMicroelectronics AN4450 Datasheet HTML 17Page - STMicroelectronics AN4450 Datasheet HTML 18Page - STMicroelectronics AN4450 Datasheet HTML 19Page - STMicroelectronics AN4450 Datasheet HTML 20Page - STMicroelectronics AN4450 Datasheet HTML 21Page - STMicroelectronics AN4450 Datasheet HTML 22Page - STMicroelectronics AN4450 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
DocID025978 Rev 1
19/26
AN4450
Using FIFO modes
26
While the speed of new averaged output is the one defined by ODR[2..0] in register
CTRL_REG1 (0x20).
In case 2, the number of samples is not selected by WTM_POINT[4..0] but is automatically
set from ODR value.
It is important to note that FIFO Mean mode with decimated output is not possible for
ODR=1 (data rate at 1 Hz).
As soon as FIFO Mean mode is set, the buffer is cleaned.
5.1.6
Hardware digital filter
To achieve the final averaging, an HW digital filter is used.
Table 3. Number of averaged samples vs WTM_POINT setting
WTM_POINT[4..0]
Number of averaged samples
00001
2
00011
4
00111
8
01111
16
11111
32
25Hz
for ODR=4
12.5Hz
for ODR=3
7Hz
for ODR=2
1Hz
for ODR=1
Table 4. ODR setting in FIFO Mean mode decimated
ODR[2..0]
Data rate from
sensor
Number of samples
Output data rate
Data ready every
samples
4
25 Hz
32
1 Hz
25
3
12.5 Hz
16
1 Hz
12
27 Hz
81 Hz
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com