Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2386 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2386
Description  How to achieve the threshold voltage thermal coefficient
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2386 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2386 Datasheet HTML 7Page - STMicroelectronics AN2386 Datasheet HTML 8Page - STMicroelectronics AN2386 Datasheet HTML 9Page - STMicroelectronics AN2386 Datasheet HTML 10Page - STMicroelectronics AN2386 Datasheet HTML 11Page - STMicroelectronics AN2386 Datasheet HTML 12Page - STMicroelectronics AN2386 Datasheet HTML 13Page - STMicroelectronics AN2386 Datasheet HTML 14Page - STMicroelectronics AN2386 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
AN2386
MOS structure
11/30
Equation 28
The gate voltage at the strong inversion condition is the threshold voltage VTH of the MOS
and it can be written as:
Equation 29
Up to now, the ideal MOS structure was considered. In the real MOS structure, when no
voltage is applied on the gate, a difference between metal and semiconductor work function
exists, as well as charges in the oxide. In this paper, the charges inside the oxide will be
neglected and also the metal-semiconductor difference work function
Φms will be studied.
The charges inside the oxide are related to the real process flow and they involve a small
threshold voltage shift. In order to consider the effect of
Φms on the threshold voltage, the
following formula must be taken into account:
Equation 30
VFB is the flat-band voltage and it is the gate voltage required to bring the semiconductor
bands flat; QOX are the charges inside the oxide. Such voltage equals to Φms when the
charges inside the oxide are neglected.
For metal gate,
Φms can be written as:
Equation 31
where Eg(T) is the band-gap energy versus the temperature.
Instead, for polysilicon gate (the real case usually) of n-type and the semiconductor is of p-
type,
Φms can be written as:
Equation 32
Ng is the doping level of the polysilicon.
TVTC can be, thus, achieved deriving (Equation 30) against the temperature:
Equation 33
and also:
V
G
2
ε
sqNaΦs
C
OX
---------------------------
Φ
s
+
=
V
TH
4
ε
sqNaΦF
C
OX
---------------------------
2
Φ
F
+
=
V
TH
V
FB
t
OX
4
ε
sqNaΦF
ε
OX
---------------------------
2
Φ
F
Φ
ms
Q
OX
C
OX
------------
t
OX
4
ε
sqNaΦF
ε
OX
-------------------------------
•
2
Φ
F
++
+
=
++
=
Φ
ms
Φ
m
χ
E
g T
()
2q
---------------
Φ
F
±
+


–
=
Φ
ms
kT
q
-------
N
g
N
a
•
ni
2
--------------------



ln
–
=
∂V
TH
∂T
-------------
∂Φ
ms
∂T
-------------
t
OX
4
ε
sqNa
ε
OX
------------------------
•
∂Φ
F
∂T
--------------
•
2
∂Φ
F
∂T
---------
•
++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com