Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2386 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2386
Description  How to achieve the threshold voltage thermal coefficient
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2386 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2386 Datasheet HTML 22Page - STMicroelectronics AN2386 Datasheet HTML 23Page - STMicroelectronics AN2386 Datasheet HTML 24Page - STMicroelectronics AN2386 Datasheet HTML 25Page - STMicroelectronics AN2386 Datasheet HTML 26Page - STMicroelectronics AN2386 Datasheet HTML 27Page - STMicroelectronics AN2386 Datasheet HTML 28Page - STMicroelectronics AN2386 Datasheet HTML 29Page - STMicroelectronics AN2386 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
AN2386
Conclusions
27/30
4
Conclusions
This paper has studied the effect of the temperature on the MOSFET threshold voltage and
its thermal coefficient. In particular, a mathematical model for both parameters was
achieved and a comparison with real measurement was performed considering three low
voltage power MOSFET devices by ST; DEVICE1, DEVICE2 and DEVICE3. The simulated
and real data obtained for all the devices under test are quite close and, thus confirming the
validation of the theory.
The model has highlighted that, in order to decreases in absolute value TVTC to avoid
thermal run-away of the device, the thickness oxide, silicon and the gate doping
concentration must be decreased. However, minimizing TVTC and obtaining a standard
threshold voltage device can't be done by decreasing the three parameters together, they
must be rearranged as in the example shown in Figure 23. and Figure 24. of this article.
Another important result shown in this paper regards the example of the device DEVICE3.
In this case, the higher total charge concentration in the channel involves a band-gap
narrowing that increases in absolute value TVTC and makes the device more thermally
instable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com