Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2386 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2386
Description  How to achieve the threshold voltage thermal coefficient
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2386 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2386 Datasheet HTML 20Page - STMicroelectronics AN2386 Datasheet HTML 21Page - STMicroelectronics AN2386 Datasheet HTML 22Page - STMicroelectronics AN2386 Datasheet HTML 23Page - STMicroelectronics AN2386 Datasheet HTML 24Page - STMicroelectronics AN2386 Datasheet HTML 25Page - STMicroelectronics AN2386 Datasheet HTML 26Page - STMicroelectronics AN2386 Datasheet HTML 27Page - STMicroelectronics AN2386 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Some considerations on VTH and TVTC equations and real examples
AN2386
24/30
It is possible see that by rearranging Ng, Na and tox the threshold voltage remains fixed and
TVTC decreases in absolute value.
Finally, the following graphs highlight the VTH and TVTC trend simulates a p-type gate
doped MOS with Ng equal to 1e+21cm
-3, N
a is equal to 3e+16cm
-3 and t
ox is equal to 470Å.
Figure 25.
VTH simulated data considering a p-gate doped MOS
Figure 26.
TVTC simulated data considering a p-gate doped MOS
The only difference with the n-type doped gate is that increasing the gate doping
concentration, TVTC decreases in absolute value instead of increasing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com