Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2386 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2386
Description  How to achieve the threshold voltage thermal coefficient
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2386 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2386 Datasheet HTML 16Page - STMicroelectronics AN2386 Datasheet HTML 17Page - STMicroelectronics AN2386 Datasheet HTML 18Page - STMicroelectronics AN2386 Datasheet HTML 19Page - STMicroelectronics AN2386 Datasheet HTML 20Page - STMicroelectronics AN2386 Datasheet HTML 21Page - STMicroelectronics AN2386 Datasheet HTML 22Page - STMicroelectronics AN2386 Datasheet HTML 23Page - STMicroelectronics AN2386 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Some considerations on VTH and TVTC equations and real examples
AN2386
20/30
When the gate concentration doping increases from 1e+20cm-3 to 1e+21cm-3 the threshold
voltage decreases its value, while, TVTC increases in absolute value and vice versa,
decreasing the gate concentration doping from 1e+20cm-3 to 1e+19cm-3. Now, the thermal
behavior increasing and decreasing the substrate doping concentration is simulated (see
Figure 13. and Figure 14.).
Figure 13.
DEVICE1 VTH simulated data - comparison between different Na
Figure 14.
DEVICE1 TVTC simulated data - comparison between different Na
When the substrate concentration doping increases from 2e+17cm-3 to 5e+17cm-3 the
threshold voltage increases its value and also TVTC increases in absolute value and vice
versa, decreasing the substrate concentration doping from 2e+17cm-3 to 5e+16cm-3. Now,
the case of different thickness oxide will be studied (see Figure 15. and Figure 16.).
Figure 15.
DEVICE1 VTH simulated data - comparison between different tox



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com