Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2386 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2386
Description  How to achieve the threshold voltage thermal coefficient
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2386 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2386 Datasheet HTML 13Page - STMicroelectronics AN2386 Datasheet HTML 14Page - STMicroelectronics AN2386 Datasheet HTML 15Page - STMicroelectronics AN2386 Datasheet HTML 16Page - STMicroelectronics AN2386 Datasheet HTML 17Page - STMicroelectronics AN2386 Datasheet HTML 18Page - STMicroelectronics AN2386 Datasheet HTML 19Page - STMicroelectronics AN2386 Datasheet HTML 20Page - STMicroelectronics AN2386 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
AN2386
Some considerations on VTH and TVTC equations and real examples
17/30
As shown in Figure 6. and Figure 7., the data simulated and measured are quite close to
each other. In this case, for DEVICE1, the threshold voltage is around 3.2V (standard VTH)
and TVTC is around 3mV/K at ambient temperature. In the next Figure 8. the contribution of
each component of (Equation 42) is highlighted.
Figure 8.
Weight of single term of (Equation 42) on TVTC at different temperatures
In the graph above it is possible see that at a low temperature, the higher weight in the
TVTC formula is established by the parameters
Φms/T and 2ΦF/T. The first term is negative
and makes TVTC negative, while the second term in positive and makes TVTC positive.
When the temperature increases, TVTC increases in absolute value because even if
Φms/T
decreases, 2
ΦF/T also decreases and in particular, the weight of ∂Vox/ ∂T increases too.
Another real example of threshold voltage and TVTC compared to the theoretical model
implemented is shown below. The low voltage power MOSFET takes into consideration a
device of 55V of breakdown voltage and 6.5mOhm of on resistance (production line
DEVICE1). This device has a gate doping concentration (Ng) equal to 1e+20cm
-3, a
substrate doping concentration peak in the channel (Na) equal to 1e+17cm
-3, an oxide
thickness of 350Å and a channel length of 0.35µm. The following tab summarizes the main
simulated electrical parameter function of T (T range is 250-400K) and then a graphs
highlights the DEVICE2 measured and simulated data.
Table 2.
Main electrical parameter simulated by DEVICE2
Tni
Φms
∂ms/∂T
Φms/T
ΦF
∂ΦF/∂T
ΦF/T
VOX
∂VOX/∂TVth
∂Vth/∂T
250
9.67E+13 -1.043 0.000927
-0.00417 0.447
-0.00076 0.0018 1.76
-0.0015
1.61
-0.0021
255
1.73E+14 -1.038 0.000932
-0.00407 0.443
-0.00076 0.0017 1.75
-0.0015
1.60
-0.0021
260
3.02E+14 -1.033 0.000937
-0.00397 0.439
-0.00077 0.0017 1.74
-0.0015
1.59
-0.0021
265
5.18E+14 -1.029 0.000942
-0.00388 0.436
-0.00077 0.0016 1.74
-0.0015
1.58
-0.0021
270
8.70E+14 -1.024 0.000947
-0.00379 0.432
-0.00077 0.0016 1.73
-0.0015
1.57
-0.0021
275
1.43E+15 -1.019 0.000952
-0.00371 0.428
-0.00077 0.0016 1.72
-0.0016
1.56
-0.0022
280
2.33E+15 -1.015 0.000957
-0.00362 0.424
-0.00078 0.0015 1.71
-0.0016
1.55
-0.0022
285
3.71E+15 -1.010 0.000961
-0.00354 0.420
-0.00078 0.0015 1.71
-0.0016
1.54
-0.0022
290
5.82E+15 -1.005 0.000966
-0.00347 0.416
-0.00078 0.0014 1.70
-0.0016
1.53
-0.0022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com