Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2386 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2386
Description  How to achieve the threshold voltage thermal coefficient
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2386 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2386 Datasheet HTML 15Page - STMicroelectronics AN2386 Datasheet HTML 16Page - STMicroelectronics AN2386 Datasheet HTML 17Page - STMicroelectronics AN2386 Datasheet HTML 18Page - STMicroelectronics AN2386 Datasheet HTML 19Page - STMicroelectronics AN2386 Datasheet HTML 20Page - STMicroelectronics AN2386 Datasheet HTML 21Page - STMicroelectronics AN2386 Datasheet HTML 22Page - STMicroelectronics AN2386 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
AN2386
Some considerations on VTH and TVTC equations and real examples
19/30
Figure 10.
DEVICE2 TVTC - comparison between simulated and measured data
Also in this new case, the data simulated and measured are quite close to each other. In this
case, for DEVICE2, the threshold voltage is around 1.5V and TVTC is around 2mV/K at
ambient temperature.
Now it is possible to consider the DEVICE1 device and simulate the VTH and TVTC thermal
behavior changing Ng, Na and tox respectively.
At the beginning, the thermal behavior increasing and decreasing the gate doping
concentration is simulated (see Figure 11. and Figure 12.).
Figure 11.
DEVICE1 VTH simulated data - comparison between different Ng
Figure 12.
DEVICE1 TVTC simulated data - comparison between different Ng



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com