Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4599 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4599
Description  This application note describes the features
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4599 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4599 Datasheet HTML 4Page - STMicroelectronics AN4599 Datasheet HTML 5Page - STMicroelectronics AN4599 Datasheet HTML 6Page - STMicroelectronics AN4599 Datasheet HTML 7Page - STMicroelectronics AN4599 Datasheet HTML 8Page - STMicroelectronics AN4599 Datasheet HTML 9Page - STMicroelectronics AN4599 Datasheet HTML 10Page - STMicroelectronics AN4599 Datasheet HTML 11Page - STMicroelectronics AN4599 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Circuit description
AN4599
8/26
DocID026993 Rev 1
The DELAY pin manages the timing of the overcurrent protection.
A resistor and a capacitor are connected from this pin and GND to set the maximum
duration of an overcurrent condition before the IC stops switching and the delay after which
the IC restarts switching.
Every time the voltage on the ISEN pin exceeds 0.8 V, the capacitor on the DELAY pin is
charged by 350 µA and is slowly discharged by the external resistor.
If the voltage on the DELAY pin riches 2 V, the soft start capacitor is completely discharged
to push the switching frequency to its maximum value and a 350 µA current source is kept
on.
When the voltage on the DELAY pin exceeds 3.5 V, the IC stops switching and internal
350 µA generator is turned off, causing the voltage on the pin to decay because of the
external resistor.
The IC enters soft-restart when the voltage drops below 0.3 V.
In this way, the converter under short-circuit or overload condition works intermittently with
very low input average power.
If the ISEN pin voltage exceeds 1.5 V, the L6699 is immediately stopped and the 350 µA
current source is kept ON until the DELAY pin voltage reaches 3.5 V, at which time the
generator is turned OFF and the voltage on the pin decays because of the external resistor;
also in this case the IC enters soft-restart when the voltage drops below 0.3 V
Is not easy to find a relationship that links charging time to the CDELAY value, so it is more
practical to determine CDELAY experimentally.
To give an approximate indication:
• the time to reach 2 V on the DELAY pin is 100 ms every 1 µF;
• the time from 2 V to 3.5 V is about 4.3*CDELAY;
• the time to discharge CDELAY pin from 3.5 V to 0.3 V is about 2.4*RDELAY*CDELAY.
Referring to Figure 13, the resistor and capacitor on the DELAY pin are C21 = 470 nF and
R29 = 330 kΩ.
The protection times are:
• approx. 50 ms: slowly increase frequency
• approx. 1.8 µs force frequency to f
start
• about 370 ns: switching is stopped
If the overload is less than 50 ms, the system functions as a power limiter without shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com