Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4599 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4599
Description  This application note describes the features
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4599 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4599 Datasheet HTML 18Page - STMicroelectronics AN4599 Datasheet HTML 19Page - STMicroelectronics AN4599 Datasheet HTML 20Page - STMicroelectronics AN4599 Datasheet HTML 21Page - STMicroelectronics AN4599 Datasheet HTML 22Page - STMicroelectronics AN4599 Datasheet HTML 23Page - STMicroelectronics AN4599 Datasheet HTML 24Page - STMicroelectronics AN4599 Datasheet HTML 25Page - STMicroelectronics AN4599 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Conclusion and remarks
AN4599
24/26
DocID026993 Rev 1
11
Conclusion and remarks
This power supply is a high performance, low cost solution for any application requiring high
peak power for a limited time. These are usually industrial applications and don't require
PFC stage, such as vending machines, automatic gates, textile machinery etc.
Some features of this power supply can be enhanced with further circuitry. For example, low
consumption with no load can be optimized by adding high voltage start up and a more
complex compensation for burst mode versus voltage input variation.
It is possible to change the output voltage by changing the R25, R33 voltage divider and the
transformer.
Transformer codes for different VOUT are:
– 15 V - 18 V 300 W Peak Transformer MAGNETICA code 1860.0133
– 24 V 300 W Peak Transformer MAGNETICA code 1860.0044
– 28 V - 30 V 300 W Peak Transformer MAGNETICA code 1860.0102
– 36 V 300 W Peak Transformer MAGNETICA code 1860.0134
For voltage output greater than 35 V, limit the voltage at the TSM103W supply VCC sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com