Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4599 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4599
Description  This application note describes the features
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4599 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4599 Datasheet HTML 1Page - STMicroelectronics AN4599 Datasheet HTML 2Page - STMicroelectronics AN4599 Datasheet HTML 3Page - STMicroelectronics AN4599 Datasheet HTML 4Page - STMicroelectronics AN4599 Datasheet HTML 5Page - STMicroelectronics AN4599 Datasheet HTML 6Page - STMicroelectronics AN4599 Datasheet HTML 7Page - STMicroelectronics AN4599 Datasheet HTML 8Page - STMicroelectronics AN4599 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
February 2015
DocID026993 Rev 1
1/26
26
AN4599
Application note
STEVAL-ISA132V1 24 V 300 W peak power resonant converter
by Riccardo Tosoni
Introduction
This application note describes the features of the STEVAL-ISA132V1 evaluation board at
24 V, 300 W peak power conversion.
The architecture is based on a single-stage LLC resonant converter without PFC using the
new L6699 resonant controller.
The L6699 integrates some very innovative functions such as self-adjusting adaptive dead
time, anti-capacitive mode protection and a proprietary "safe-start" procedure which
prevents hard switching at start-up.
Thanks to the chipset used, the main features of this power supply are:
– very high efficiency under high-load and low-load conditions
– safe start up procedure to avoid hard switching
– hard switching prevention under overload and low-load conditions
– burst mode under low-load conditions with smooth restart to prevent audible noise
– the demo board can deliver more than 300 W peak power for a limited time thanks to
the NTC thermal protection positioned near the output diodes.
– continuous power at 30°C ambient temperature is 170 W.
– the MOSFET and diode power devices are in D²PAK packages
Figure 1. STEVAL-ISA132V1 300 W peak power SMP evaluation board
www.st.com


Similar Part No. - AN4599

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4598 STMICROELECTRONICS-AN4598 Datasheet
331Kb / 12P
Pre-amplifying the analog output of a MEMS microphone
21-Jan-2015
More results

Similar Description - AN4599

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3423 STMICROELECTRONICS-AN3423 Datasheet
93Kb / 13P
This application note describes the operations
18-Sep-2013
AN3089 STMICROELECTRONICS-AN3089 Datasheet
649Kb / 25P
This application note describes the characteristics
06-Oct-2014
AN2690 STMICROELECTRONICS-AN2690 Datasheet
1Mb / 31P
This application note describes the characteristics and the features
10-Jun-2008
AN2941 STMICROELECTRONICS-AN2941 Datasheet
1Mb / 37P
This application note describes the characteristics and the features
29-Nov-2010
AN3014 STMICROELECTRONICS-AN3014 Datasheet
1,010Kb / 29P
This application note describes the characteristics and the features
13-Dec-2010
AN3233 STMICROELECTRONICS-AN3233 Datasheet
2Mb / 35P
This application note describes the characteristics
13-Jan-2011
AN3329 STMICROELECTRONICS-AN3329 Datasheet
1Mb / 47P
This application note describes the characteristics and features
25-Feb-2011
AN3980 STMICROELECTRONICS-AN3980 Datasheet
792Kb / 19P
This application note describes the implementation
22-Nov-2011
AN1772 STMICROELECTRONICS-AN1772 Datasheet
80Kb / 8P
This Application Note describes the problems
27-Nov-2003
AN2970 STMICROELECTRONICS-AN2970 Datasheet
378Kb / 11P
This application note describes the ProxSense
12-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com