Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4599 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4599
Description  This application note describes the features
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4599 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4599 Datasheet HTML 16Page - STMicroelectronics AN4599 Datasheet HTML 17Page - STMicroelectronics AN4599 Datasheet HTML 18Page - STMicroelectronics AN4599 Datasheet HTML 19Page - STMicroelectronics AN4599 Datasheet HTML 20Page - STMicroelectronics AN4599 Datasheet HTML 21Page - STMicroelectronics AN4599 Datasheet HTML 22Page - STMicroelectronics AN4599 Datasheet HTML 23Page - STMicroelectronics AN4599 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Bill of material
AN4599
20/26
DocID026993 Rev 1
470µF
35V
Generic
Generic
Generic polarized
capacitor -P5.0
4
C8, C9, C10,
C11
KBU8M
-
Generic
Generic
Full-wave Bridge
rectifier
1
D1
LL4148
-
Generic
Generic
Generic small signal
diode - SOD80
5
D2, D4, D6, D8,
D10
NM
-
Generic
Generic
Zener diode - SOD123
1
D7
NZH15B-
115
15V
NZH15B-115
NXP
Zener diode - SOD123
1
D9
STPS20M8
0CG
20A - 80V
STPS20M80CG
ST
Dual common-cathode
diode
2
D3, D5
STTH108A
1A - 800V
STTH108A
ST
Generic diode
1
D12
2Amps (T)
250Volts
39212000000
LITTLEFU
SE
Fuse - P5.08
1
F1
SIP header
2-pin
796949-3
TE AMP
2-pin Single in-line
connector - P5.08
1
J2
SIP header
3-pin
282845-3
TE AMP
3-pin Single in-line
connector - P7.62
1
J1
22580001
2x 15 mH/ 1.8A
22580001
MAGNETI
CA
Common mode choke
1
L1
2.2ohms
-
B57237S0229M0
EPCOS
Inrush NTC
1
NTC1
470kohms
0603
B57371V2474
EPCOS
NTC
1
NTC2
BC846A
SOT23-3
BC846A
NXP
NPN Generic
1
Q3
STB13N60
M2
11A - 600V
STB13N60M2
ST
N-Channel MOS FET
2
Q1, Q2
0ohms
0.125W
Generic
Generic
Generic resistor
4
R17, R28, R34,
R36
NM
0.125W
Generic
Generic
Generic resistor
1
R24
2.2ohms
0.250W
Generic
Generic
Generic resistor
1
R10
10ohms
0.063W
Generic
Generic
Generic resistor
2
R13, R20
10ohms
0.250W
Generic
Generic
Generic resistor
1
R9
27ohms
0.063W
Generic
Generic
Generic resistor
1
R35
47ohms
0.250W
Generic
Generic
Generic resistor
1
R38
56ohms
0.063W
Generic
Generic
Generic resistor
2
R14, R21
1Kohms
0.063W
Generic
Generic
Generic resistor
1
R16
3.3Kohms
0.250W
Generic
Generic
Generic resistor
1
R19
3.9Kohms
0.063W
Generic
Generic
Generic resistor
1
R33
5.6Kohms
0.125W
Generic
Generic
Generic resistor
1
R15
8.2Kohms
0.250W
Generic
Generic
Generic resistor
1
R12
Table 4. Bill of material (continued)
Type/Value
Modifier
Part number
Manuf.
Description
Qty
Reference IDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com