Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4599 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4599
Description  This application note describes the features
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4599 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4599 Datasheet HTML 7Page - STMicroelectronics AN4599 Datasheet HTML 8Page - STMicroelectronics AN4599 Datasheet HTML 9Page - STMicroelectronics AN4599 Datasheet HTML 10Page - STMicroelectronics AN4599 Datasheet HTML 11Page - STMicroelectronics AN4599 Datasheet HTML 12Page - STMicroelectronics AN4599 Datasheet HTML 13Page - STMicroelectronics AN4599 Datasheet HTML 14Page - STMicroelectronics AN4599 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
DocID026993 Rev 1
11/26
AN4599
Magnetic components
26
4
Magnetic components
Figure 5. Transformer (Code 05801 Class Code 1860.0044 Magnetica)
Table 2. Pin functions
Pin n°
Function
Pin n°
Function
1
Not connected
8A
Secondary A
200 W MAX
24 V 8.3 A
2
Primary Drain/source
9A
3
Not present
10B
Ground
secondary
4
Primary with CR
11B
5
Not present
12B
6
Auxiliary (12 V 50 mA)
13C
Secondary B
7
Auxiliary ground (12 V 50 mA)
14C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com