Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1483 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM1483
Description  Low power motor control board STEVAL-IHM036V1
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1483 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM1483 Datasheet HTML 2Page - STMicroelectronics UM1483 Datasheet HTML 3Page - STMicroelectronics UM1483 Datasheet HTML 4Page - STMicroelectronics UM1483 Datasheet HTML 5Page - STMicroelectronics UM1483 Datasheet HTML 6Page - STMicroelectronics UM1483 Datasheet HTML 7Page - STMicroelectronics UM1483 Datasheet HTML 8Page - STMicroelectronics UM1483 Datasheet HTML 9Page - STMicroelectronics UM1483 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
System introduction
UM1483
6/35
Doc ID 022398 Rev 1
2
System introduction
2.1
Main characteristics
The information listed below shows the converter specification data and the main
parameters set for the STEVAL-IHM036V1 demonstration board.
●
Minimum input voltage 275 VDC or 195 VAC
●
Maximum input voltage 375 VDC or 265 VAC
●
Maximum output power for applied motor up to 100 W
●
Input inrush limitation based on NTC resistor
●
+15 V auxiliary power supply based on a buck converter with VIPer16
●
Using IGBT SLLIMM™ STGIPN3H60 in NDIP-26L molded package
●
Fully populated board conception with test points
●
Overcurrent hardware protection
●
Overtemperature protection based on NTC resistor
●
Based on STMicroelectronic's ARM® Cortex™-M3 core-based STM32F100C6T6B
microcontroller
●
Possibility to modify the board with RS-485 bus
●
Field-oriented control (FOC) firmware customized with “STM32 PMSM FOC SDK v3.0
Motor Control Firmware Library” (see www.st.com/internet/com/
SOFTWARE_RESOURCES/SW_COMPONENT/FIRMWARE/stm32_pmsm_foc_moto
rcontrol_fwlib.zip)
●
Compliance with EN55014 (CISPR 14), IEC 61000-4-5 and IEC61000-4-4
●
PCB type and size:
–
Material of PCB - FR-4
–
Double-sided layout
–
Copper thickness: ~60
μm
–
Total dimensions of demonstration board: circular shape, diameter 115 mm
2.2
Target application
●
Household water heating pumps
●
Dishwasher pumps
●
Refrigerator compressors
●
High-end fans



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com