Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1483 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM1483
Description  Low power motor control board STEVAL-IHM036V1
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1483 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM1483 Datasheet HTML 14Page - STMicroelectronics UM1483 Datasheet HTML 15Page - STMicroelectronics UM1483 Datasheet HTML 16Page - STMicroelectronics UM1483 Datasheet HTML 17Page - STMicroelectronics UM1483 Datasheet HTML 18Page - STMicroelectronics UM1483 Datasheet HTML 19Page - STMicroelectronics UM1483 Datasheet HTML 20Page - STMicroelectronics UM1483 Datasheet HTML 21Page - STMicroelectronics UM1483 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Board description
UM1483
18/35
Doc ID 022398 Rev 1
The op amp is used in follower mode with gain of the op amp set by resistors r and R:
Equation 2
It is possible to calculate the voltage on the op amp output OP OUT - VOUT as the sum of
a bias VBIAS and a signal VSIGN component equal to:
Equation 3
Total gain of the circuit with the resistor divider is equal to:
Equation 4
with the default values this gives:
●
VBIAS = 1.77 V
●
Maximal voltage of VSIGN = 1.5 V
●
G = 7.2
●
GTOT = 3.33
●
Maximum current amplifiable without distortion is 1.1 A.
G
Rr
+
r
------------
=
V
OU T
V
SIGN
V
BIAS
+
=
V
BI AS
3.3
1
R1
--------
1
R2
--------
1
R3
--------
++
⎝⎠
⎛⎞
R3
×
----------------------------------------------------------
G
×
=
V
SIGN
IR
SHUNT
×
1
R1
--------
1
R2
--------
1
R3
--------
++
⎝⎠
⎛⎞
R1
×
----------------------------------------------------------
G
×
=
G
TOT
V
SI GN
V
IN
----------------
V
SI GN
R
SHUN T
I
×
-------------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com