Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1483 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM1483
Description  Low power motor control board STEVAL-IHM036V1
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1483 Datasheet(HTML) 1 Page - STMicroelectronics

  UM1483 Datasheet HTML 1Page - STMicroelectronics UM1483 Datasheet HTML 2Page - STMicroelectronics UM1483 Datasheet HTML 3Page - STMicroelectronics UM1483 Datasheet HTML 4Page - STMicroelectronics UM1483 Datasheet HTML 5Page - STMicroelectronics UM1483 Datasheet HTML 6Page - STMicroelectronics UM1483 Datasheet HTML 7Page - STMicroelectronics UM1483 Datasheet HTML 8Page - STMicroelectronics UM1483 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
November 2011
Doc ID 022398 Rev 1
1/35
UM1483
User manual
Low power motor control board STEVAL-IHM036V1
featuring SLLIMM™ STGIPN3H60 and MCU STM32F100C6T6B
1
Introduction
This document describes the low power motor control board STEVAL-IHM036V1 featuring
the SLLIMM™ (small low-loss intelligent molded module) STGIPN3H60 and MCU
STM32F100C6T6B. The demonstration board is an AC/DC inverter that generates
a 3-phase waveform for driving 3-phase permanent magnet synchronous motors (PMSM)
with field-oriented control (FOC) up to maximal 100 W without sensors. The used controller
belongs to the STMicroelectronics™ ARM® Cortex™-M3 core-based medium density
STM32™ MCU family.
The main device presented in this user manual is a universal, fully evaluated and populated
design consisting of a 3-phase inverter bridge based on the 600 V IGBT power module in
NDIP-26L package. The IGBT power module integrated all power IGBT switches with
freewheeling diodes together with the high voltage gate drivers. Thanks to this integrated
module, the system has been specifically designed to achieve power inverter in
a reliable and compact design. Such integration saves PCB space occupation and assembly
costs together with high reliability due to the design simplicity.
The board is designed to be compatible with single-phase mains for the European range of
supply voltage 230 VAC (+/- 15%), or corresponding DC supply voltage. The board includes
a power supply stage with VIPer™16 in buck configuration to generate +15 V supply voltage
required by the application.
This document is associated with the release of the STEVAL-IHM036V1 demonstration
board (see Figure 1).
Figure 1.
STEVAL-IHM036V1
www.st.com


Similar Part No. - UM1483

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1481 STMICROELECTRONICS-UM1481 Datasheet
5Mb / 55P
This document describes an easy and compact solution
07-Aug-2012
UM1486 STMICROELECTRONICS-UM1486 Datasheet
889Kb / 12P
UM1486 User manual
02-Nov-2011
UM1488 STMICROELECTRONICS-UM1488 Datasheet
2Mb / 17P
STPMC1 evaluation software
20-Dec-2011
More results

Similar Description - UM1483

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHM002V1 STMICROELECTRONICS-STEVAL-IHM002V1 Datasheet
104Kb / 4P
BLDC & AC motor control control board indart
02-Mar-2006
STEVAL-IHM009V1 STMICROELECTRONICS-STEVAL-IHM009V1 Datasheet
198Kb / 4P
BLDC & AC Motor Control Power board SEMITOP짰3 3kW
26-Jun-2006
STEVAL-IHM008V1 STMICROELECTRONICS-STEVAL-IHM008V1 Datasheet
218Kb / 4P
BLDC & AC motor control Power board SEMITOP®2 1kW
26-Jun-2006
STEVAL-IHM005V1 STMICROELECTRONICS-STEVAL-IHM005V1 Datasheet
101Kb / 4P
BLDC & AC Motor Control Power Driver Board 3KW
29-Nov-2005
logo
Texas Instruments
MDL-STEPPER TI-MDL-STEPPER Datasheet
203Kb / 4P
Stepper Motor Control Board
logo
STMicroelectronics
STEVAL-MKI119V1 STMICROELECTRONICS-STEVAL-MKI119V1 Datasheet
184Kb / 6P
eMotion Win8: STEVAL-MKI109V2 STEVAL-MKI108V2 demonstration board
03-Nov-2011
AN4146 STMICROELECTRONICS-AN4146 Datasheet
3Mb / 30P
STSmartVoice demonstration board STEVAL-MKI126Vx
22-Mar-2013
UM0432 STMICROELECTRONICS-UM0432 Datasheet
911Kb / 53P
Low voltage motor control demonstration board
22-Oct-2008
UM0582 STMICROELECTRONICS-UM0582 Datasheet
1Mb / 24P
STEVAL-TLL005V1 power flash demonstration board
08-Jun-2009
UM0984 STMICROELECTRONICS-UM0984 Datasheet
1Mb / 25P
STEVAL-ISA081V1 demonstration board based
08-Jun-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com