Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1483 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM1483
Description  Low power motor control board STEVAL-IHM036V1
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1483 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM1483 Datasheet HTML 16Page - STMicroelectronics UM1483 Datasheet HTML 17Page - STMicroelectronics UM1483 Datasheet HTML 18Page - STMicroelectronics UM1483 Datasheet HTML 19Page - STMicroelectronics UM1483 Datasheet HTML 20Page - STMicroelectronics UM1483 Datasheet HTML 21Page - STMicroelectronics UM1483 Datasheet HTML 22Page - STMicroelectronics UM1483 Datasheet HTML 23Page - STMicroelectronics UM1483 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Testing of the demonstration board
UM1483
20/35
Doc ID 022398 Rev 1
4
Testing of the demonstration board
The overall test of the demonstration board was performed on a motor bench with applied
testing PMSM motor. Parameter lists of the used testing motor are below.
Motor parameters:
●
Maximal motor power: 300 W
●
4-pole pairs
●
Ls = 16.5 mH; Rs = 8
Ω
●
Ke = 36 V
●
Nominal speed: 2400 rpm (160 Hz)
The STMicroelectronics released “STM32 FOC firmware library v3.0” was customized to be
compatible with demonstration board STEVAL-IHM036V1. All related parameters of the
motor were included in the source code via “ST Motor Control Workbench” application (see
www.st.com/internet/com/SOFTWARE_RESOURCES/TOOL/CONFIGURATION_UTILITY/
motorcontrol_workbench.zip).
Test conditions:
●
Sensorless sinusoidal field-oriented control
●
Supply voltage 230 VAC; frequency 50 Hz
●
Ambient temperature: 25 °C
●
PWM switching frequency: 16 kHz
●
Testing for output electrical power: 25 W, 50 W, 75 W and 95 W.
The duration of the tests was around 1 hour for each mentioned electrical output power.
Measured parameters were taken at the end of the each test condition when all parameters
had a stable value.
Figure 9.
Efficiency of the STEVAL-IHM036V1, temperature of the STGIPN3H60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com