Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1483 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1483
Description  Low power motor control board STEVAL-IHM036V1
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1483 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1483 Datasheet HTML 19Page - STMicroelectronics UM1483 Datasheet HTML 20Page - STMicroelectronics UM1483 Datasheet HTML 21Page - STMicroelectronics UM1483 Datasheet HTML 22Page - STMicroelectronics UM1483 Datasheet HTML 23Page - STMicroelectronics UM1483 Datasheet HTML 24Page - STMicroelectronics UM1483 Datasheet HTML 25Page - STMicroelectronics UM1483 Datasheet HTML 26Page - STMicroelectronics UM1483 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
UM1483 Using STEVAL-IHM036V1 with the STM32 PMSM FOC SDK v3.0 Motor Control Firmware
Doc ID 022398 Rev 1
23/35
5
Using STEVAL-IHM036V1 with the STM32 PMSM FOC
SDK v3.0 Motor Control Firmware Library
The “STM32 PMSM FOC SDK v3.0 Motor Control Firmware Library” is a firmware library
performing the field-oriented control of a permanent magnet synchronous motor (PMSM) in
both sensor and sensorless configurations.
It is possible to configure the firmware to use the STEVAL-IHM036V1 as a complete motor
control platform.
This section describes the modifications to be applied to the “STM32 PMSM FOC SDK v3.0
Motor Control Firmware Library” in order to make the firmware compatible with the STEVAL-
IHM036V1.
5.1
Environmental considerations
Warning:
The STEVAL-IHM036V1 demonstration board must only be
used in a power laboratory. The voltage used in the drive
system presents a shock hazard.
The kit is not electrically isolated from the DC input. This topology is very common in motor
drives. The microprocessor is grounded by the integrated ground of the DC bus. The
microprocessor and associated circuitry are hot and MUST be isolated from user controls
and communication interfaces.
Warning:
All measuring equipment must be isolated from the main
power supply before powering up the motor drive. To use an
oscilloscope with the kit, it is safer to isolate the DC supply
AND the oscilloscope. This prevents a shock occurring as
a result of touching any SINGLE point in the circuit, but does
NOT prevent shock when touching two or more points in the
circuit.
An isolated AC power supply can be constructed using an isolation transformer and
a variable transformer.
Note:
Isolating the application rather than the oscilloscope is highly recommended in any case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com