Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1464 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1464
Description  LOW-COST DOUBLE LI-ION BATTERY CHARGER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1464 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1464 Datasheet HTML 4Page - STMicroelectronics AN1464 Datasheet HTML 5Page - STMicroelectronics AN1464 Datasheet HTML 6Page - STMicroelectronics AN1464 Datasheet HTML 7Page - STMicroelectronics AN1464 Datasheet HTML 8Page - STMicroelectronics AN1464 Datasheet HTML 9Page - STMicroelectronics AN1464 Datasheet HTML 10Page - STMicroelectronics AN1464 Datasheet HTML 11Page - STMicroelectronics AN1464 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8/27
LOW-COST DOUBLE LI-ION BATTERY CHARGER USING ST6255C/ST6265C MCU
Figure 3. PWM Signal Generation Circuit
Selecting the proper power PNP transistor is not enough to make sure the buck converter can
actually output the maximum current. The driving resistors (REB, RB, REN and RPWM) should
also be chosen accordingly.
– When the PNP is on, |VCE| should be as small as possible to minimise losses. This requires
to be in saturation state, with a high base current. This current is equal to:
|VBE| is the base-emitter voltage of the PNP. VSON is the node S voltage when both NPNs
are on. It equals the sum of saturation collector-emitter voltages for the 2 NPNs.
RBE and RB guarantee that IC/IB ≤ 10 even if IC is at its maximum.
Example with the evaluation board hardware:
At maximum collector current (IC = 600 mA), |VBE| = 0.9 V typically.
At IS ~ 60 mA, VSON = 0.2 V.
REB = 270 Ω and RB = 75 Ω meet the requirements (and then IS = 65 mA).
– When on, the NPN transistors must also be in saturation state.
REN makes sure that IS/IEN ≤ 10 even for the maximum value of IS. E_FRONT and E_REAR
V
PWM signal from ST6
A
rear
V
supply
rear charge enable
signal from ST6
Vdd
A
front
supply
front charge enable
signal from ST6
Vdd
REBf
RBf
RBr
REBr
ICf
ICr
IBf
IBr
Sf
Sr
ISf
ISr
RENf
RENr
RPWMf
RPWMr
IENf
IENr
IPWMf
IPWMr
EB
BE
B
Son
BE
ply
sup
B
R
V
R
V
V
V
I
−
−
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com