Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1464 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1464
Description  LOW-COST DOUBLE LI-ION BATTERY CHARGER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1464 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1464 Datasheet HTML 10Page - STMicroelectronics AN1464 Datasheet HTML 11Page - STMicroelectronics AN1464 Datasheet HTML 12Page - STMicroelectronics AN1464 Datasheet HTML 13Page - STMicroelectronics AN1464 Datasheet HTML 14Page - STMicroelectronics AN1464 Datasheet HTML 15Page - STMicroelectronics AN1464 Datasheet HTML 16Page - STMicroelectronics AN1464 Datasheet HTML 17Page - STMicroelectronics AN1464 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
14/27
LOW-COST DOUBLE LI-ION BATTERY CHARGER USING ST6255C/ST6265C MCU
The core puts itself into WAIT mode during each conversion in order to gain accuracy. Preci-
sion is improved even more by using the ADC SYNC option bit.
2.4.3 State Diagrams
A slot can be in one of the ten states described in the Slot States Definitions table, where
text
in italic is valid only for the rear slot.
Table 5. Slot States Definitions
Note that this choice of states is only one solution - among many - of implementing the re-
quired behaviour of the charger.
Here, “periodically” means “at every state update”. Therefore, the state update frequency is
equal to the PWM duty cycle increase or decrease rate in the CI, CV_D, CV_U and FAST
states. In FAIL state, the red LED flashing frequency is half of the state update frequency.
The diagram of state transitions is too complex to be described by only one figure. Hence the
three figures in Figure 7. 't' stands for the timekeeper value. The rectangles represent actions
performed once during a state transition.
Name
Meaning
Output configuration
Front priority
request
Slot Outputs
PWM Duty Cycle
IDLE
Slot empty
OR
Charge suspended by
front charge priority
Charge disabled,
Both LEDs off
Unchanged
No
CI
Constant current charge
Charge enabled,
Green LED off,
Red LED on
updated periodically to
have Ibat =Iconst
Yes
CV_D
Constant voltage charge,
duty cycle down
Incremented
periodically
CV_U
Constant voltage charge,
duty cycle up
Decremented
periodically
FAST
Fast charge
Updated periodically to
have IBAT =IFAST
TRI
Trickle charge
Unchanged
No
SAT
Battery saturated
Charge disabled,
Green LED on,
Red LED off
EXP
Charge time expired
FAIL
Battery failure
Charge disabled,
Green LED off,
Red LED flashing
(toggled periodically)
HEAT
Charge suspended
by overheat
Charge disabled,
Both LEDs on
Same as original
state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com