Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1464 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1464
Description  LOW-COST DOUBLE LI-ION BATTERY CHARGER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1464 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1464 Datasheet HTML 7Page - STMicroelectronics AN1464 Datasheet HTML 8Page - STMicroelectronics AN1464 Datasheet HTML 9Page - STMicroelectronics AN1464 Datasheet HTML 10Page - STMicroelectronics AN1464 Datasheet HTML 11Page - STMicroelectronics AN1464 Datasheet HTML 12Page - STMicroelectronics AN1464 Datasheet HTML 13Page - STMicroelectronics AN1464 Datasheet HTML 14Page - STMicroelectronics AN1464 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11/27
LOW-COST DOUBLE LI-ION BATTERY CHARGER USING ST6255C/ST6265C MCU
Figure 5. Thermistor Voltage Indication
Table 3. Thermistor Voltage Thresholds used by the Evaluation Board
Note: Because the exact characteristics of the thermistor were unknown to us, the VHEAT value given in
the table above is only an example. Note that, generally, for this kind of batteries, the temperature
limit is set to 45°C.
2.4 MCU SOFTWARE
2.4.1 Architecture
The software provided with the evaluation board has a state machine architecture. As ex-
plained further, 10 charging states can be defined for each slot. Each slot is driven by its state
machine, with some interactions to implement front slot priority.
In order to measure the charge time, a timekeeper is implemented and counters are incre-
mented periodically.
Most of the time, slot states are unchanged. This implies that the PWM duty cycle, charge en-
able signals and LED on/off states are constant. Periodically, the ST6 measures battery cur-
rent, battery voltage and thermistor voltage for both slots. Using the measurements and the
timekeeper values, it updates slot states and the output configuration. If necessary, it resets
the timekeeper.
Symbol
Meaning
Value
Unit
VDET
Battery Detection Voltage
4.7
V
VHEAT
Overheat Voltage
2.0
battery under normal
temperature conditions
Vdd
Vdet
no battery
Vheat
battery under overheat
Vss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com