Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1464 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN1464
Description  LOW-COST DOUBLE LI-ION BATTERY CHARGER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1464 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN1464 Datasheet HTML 19Page - STMicroelectronics AN1464 Datasheet HTML 20Page - STMicroelectronics AN1464 Datasheet HTML 21Page - STMicroelectronics AN1464 Datasheet HTML 22Page - STMicroelectronics AN1464 Datasheet HTML 23Page - STMicroelectronics AN1464 Datasheet HTML 24Page - STMicroelectronics AN1464 Datasheet HTML 25Page - STMicroelectronics AN1464 Datasheet HTML 26Page - STMicroelectronics AN1464 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
26/27
LOW-COST DOUBLE LI-ION BATTERY CHARGER USING ST6255C/ST6265C MCU
4.2 BILL OF MATERIAL
Item
Quantity
Reference
Part
1
1
BT1
Li-ion cell
2
1
CN1
Power Jack Socket 2.5 mm
31
CN2
Front Slot
4
1
CN3
Rear Slot
5
1
C1
470uF/16V
6
1
C2
100uF/10V
72
C3,C6
0.1u
8
2
C5,C4
22p
9
2
C7,C8
220uF/16V
10
1
D1
1N4002
11
2
D2,D4
1N5819
12
2
D3,D5
1N4001
13
2
D6A,D7A
LED-RED
14
2
D6B,D7B
LED-GREEN
15
1
J4
Slot connector
16
2
L1,L2
150uH/900mA
17
2
Q1,Q4
2SA1011
18
4
Q2,Q3,Q5,Q6
2N3904
19
1
RN1
10K x 8
20
1
RT1
NTC
21
1
Rid
R
22
1
R1
4R7
23
2
R2,R3
30K 1%
24
4
R4,R9,R14,R24
10K
25
4
R5,R6,R7,R8
560
26
2
R10,R20
270
27
2
R11,R21
75 1/2W
28
2
R12,R22
620
29
2
R23,R13
430
30
2
R15,R25
10K 1%
31
2
R16,R26
43K 1%
32
2
R17,R27
0.5 1%
33
2
R18,R28
4.3K 1%
34
2
R19,R29
39K 1%
35
1
S1
reset sw
36
1
U1
ST6255
37
1
U2
LM358
38
1
V1
TL431
39
1
X1
8MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com