Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1464 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN1464
Description  LOW-COST DOUBLE LI-ION BATTERY CHARGER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1464 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN1464 Datasheet HTML 15Page - STMicroelectronics AN1464 Datasheet HTML 16Page - STMicroelectronics AN1464 Datasheet HTML 17Page - STMicroelectronics AN1464 Datasheet HTML 18Page - STMicroelectronics AN1464 Datasheet HTML 19Page - STMicroelectronics AN1464 Datasheet HTML 20Page - STMicroelectronics AN1464 Datasheet HTML 21Page - STMicroelectronics AN1464 Datasheet HTML 22Page - STMicroelectronics AN1464 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
19/27
LOW-COST DOUBLE LI-ION BATTERY CHARGER USING ST6255C/ST6265C MCU
Figure 10. Slot Monitor Flowchart (1)
Slot monitor
b7 ?
0
Battery
detected?
previously IDLE
Rear
slot?
Yes
Front priority
request?
Yes
still IDLE
Yes
No
CI now
No
No
1
Reset timekeeper
PWM duty cycle at 50%
IDLE now
No
b
6 ?
Battery
detected?
Yes
0
Overheat?
No
No
still HEAT
Yes
Back to
original state
No
Rear
slot?
Yes
Yes
1
previously HEAT
s11
IDLE now
Front priority
request?
previously not IDLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com