Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1464 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN1464
Description  LOW-COST DOUBLE LI-ION BATTERY CHARGER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1464 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN1464 Datasheet HTML 16Page - STMicroelectronics AN1464 Datasheet HTML 17Page - STMicroelectronics AN1464 Datasheet HTML 18Page - STMicroelectronics AN1464 Datasheet HTML 19Page - STMicroelectronics AN1464 Datasheet HTML 20Page - STMicroelectronics AN1464 Datasheet HTML 21Page - STMicroelectronics AN1464 Datasheet HTML 22Page - STMicroelectronics AN1464 Datasheet HTML 23Page - STMicroelectronics AN1464 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
20/27
LOW-COST DOUBLE LI-ION BATTERY CHARGER USING ST6255C/ST6265C MCU
Figure 11. Slot Monitor Flowchart (2)
previously FAIL
b
5 ?
0
b
4 ?
0
still FAIL
b
3?
1
0
still EXP
previously EXP
1
previously SAT
V
bat <Vtri ?
1
Other slot
uses PWM?
Yes
still SAT
Yes
No
Reset
chronometer
Initilalise PWM
duty cycle at 80%
No
TRI now
s11
b
4 ?
Other slot
uses PWM?
0
SAT now
Yes
Overheat?
No
Store original state
Disable priority request
Yes
HEAT now
previously TRI
No
V
bat <Vfast
SAT now
V
bat >Vf
still TRI
V
bat ?
FAST now
V
fast <Vbat <Vf
1
s1111
t>T
exp ?
EXP now
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com