Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1464 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN1464
Description  LOW-COST DOUBLE LI-ION BATTERY CHARGER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1464 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN1464 Datasheet HTML 19Page - STMicroelectronics AN1464 Datasheet HTML 20Page - STMicroelectronics AN1464 Datasheet HTML 21Page - STMicroelectronics AN1464 Datasheet HTML 22Page - STMicroelectronics AN1464 Datasheet HTML 23Page - STMicroelectronics AN1464 Datasheet HTML 24Page - STMicroelectronics AN1464 Datasheet HTML 25Page - STMicroelectronics AN1464 Datasheet HTML 26Page - STMicroelectronics AN1464 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
24/27
LOW-COST DOUBLE LI-ION BATTERY CHARGER USING ST6255C/ST6265C MCU
3 CONCLUSION: A LOW-COST FLEXIBLE SOLUTION
Everything on the evaluation board has been designed to make it easy to adapt in any way
(other type of battery, new behaviour specifications, additional design constraints, etc.).
s
The number of components needed for each slot (charging and feedback) is minimal, so
replacing them is inexpensive. Besides, the circuit has a simple and predictable behaviour.
This avoids costly and time-consuming trial-and-error procedures.
s
The system has an inner self-adaptation capability thanks to its many closed loop
regulations (voltage, current, temperature). For example, no software change is needed if
VSUPPY changes – provided VDD remains at 5 V.
s
As explained in Section 2.4, parameter modifications in the software are easy to perform.
s
The software only occupies a fourth of the total MCU program memory. Port C is not used
at all; neither is the SPI (nor the EEPROM on the ST6265C). Subsequently, many
improvements and/or new features can still be added without changing the MCU.
s
Analog inputs available on Port C can read the identification resistor included in the batteries
to determine their capacity and adapt the charging parameters accordingly.
s
The EEPROM can be used for ADC calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com