Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2383 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2383
Description  A single plate induction cooker with the ST7FLITE09Y0
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2383 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2383 Datasheet HTML 2Page - STMicroelectronics AN2383 Datasheet HTML 3Page - STMicroelectronics AN2383 Datasheet HTML 4Page - STMicroelectronics AN2383 Datasheet HTML 5Page - STMicroelectronics AN2383 Datasheet HTML 6Page - STMicroelectronics AN2383 Datasheet HTML 7Page - STMicroelectronics AN2383 Datasheet HTML 8Page - STMicroelectronics AN2383 Datasheet HTML 9Page - STMicroelectronics AN2383 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Induction heating basics
AN2383
6/39
Doc ID 12433 Rev 3
1
Induction heating basics
Put simply, an induction cooking element (what on a gas stove would be called a "burner") is
a special kind of transformer. When a good-sized piece of magnetically conducting material
such as, for example, a cast-iron frying pan, is placed in the magnetic field created by the
cooking element, the field transfers ("induces") energy into the metal. That transferred
energy causes the metal - the cooking vessel - to become hot.
By controlling the intensity of the magnetic field, we can control the amount of heat being
generated in the cooking vessel and we can change that amount instantaneously.
Induction cooking has several advantages over traditional methods of cooking:
●
Speed: conductive heat transfer to the food is very direct because the cookware is
heated uniformly and from within. Induction cooking is even faster than gas cooking
●
Safety: there are no open flames. This reduces the chances of fire and the cold stove
top is also more child safe
●
Efficiency: around 90%. Heat is generated directly in the pot, while for electric and gas
the efficiency is around 65% and 55% respectively due to heat transfer loss.
Induction cooking functions based on the principle of the series L-C resonant circuit, where
the inductance L is the cooking element itself.
By changing the switching frequency of the high voltage half-bridge driver, the alternating
current flowing through the cooking element changes its value. The intensity of the magnetic
field and therefore the heating energy can be controlled this way.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com