Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2383 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2383
Description  A single plate induction cooker with the ST7FLITE09Y0
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2383 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2383 Datasheet HTML 21Page - STMicroelectronics AN2383 Datasheet HTML 22Page - STMicroelectronics AN2383 Datasheet HTML 23Page - STMicroelectronics AN2383 Datasheet HTML 24Page - STMicroelectronics AN2383 Datasheet HTML 25Page - STMicroelectronics AN2383 Datasheet HTML 26Page - STMicroelectronics AN2383 Datasheet HTML 27Page - STMicroelectronics AN2383 Datasheet HTML 28Page - STMicroelectronics AN2383 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
AN2383
Alarm management
Doc ID 12433 Rev 3
25/39
7
Alarm management
The alarm circuitry is necessary for monitoring any possible malfunctions, and to prevent the
IGBTs, the driver, or any other circuitry from burning or being damaged.
The application described here features 4 different alarms: overtemperature on the heatsink
(H), overtemperature on the plate (t), overcurrent (C) and wrong pot on the plate (P).
An alarm is generated when the heatsink temperature exceeds 115 °C, or when the plate
reaches a temperature of 200 °C.
If for any reason the current flowing through the plate goes over the limit, an alarm occurs.
Similarly, while in the power-on sequence, if a non-magnetically conducting material is
placed on the plate, an alarm occurs. In alarm condition, the PWM frequency is immediately
set to 30 kHz, and then smoothly increased to 50 kHz. The system is put in standby mode
and the display shows which alarm occurred (refer to the letters in brackets).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com