Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2383 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2383
Description  A single plate induction cooker with the ST7FLITE09Y0
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2383 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2383 Datasheet HTML 13Page - STMicroelectronics AN2383 Datasheet HTML 14Page - STMicroelectronics AN2383 Datasheet HTML 15Page - STMicroelectronics AN2383 Datasheet HTML 16Page - STMicroelectronics AN2383 Datasheet HTML 17Page - STMicroelectronics AN2383 Datasheet HTML 18Page - STMicroelectronics AN2383 Datasheet HTML 19Page - STMicroelectronics AN2383 Datasheet HTML 20Page - STMicroelectronics AN2383 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
AN2383
Measurements at 50 Hz
Doc ID 12433 Rev 3
17/39
5.3
Powering the plate (with pot)
Figure 9.
Plate power-on (with pot on the plate)
The DC link voltage is applied to the plate and the PWM signal is applied to the half-bridge
driver for half a second. Due to the resonant tank consumption, a voltage drop appears on
the VLINK signal. The voltage drop is read by the MCU to detect if a pot is present on the
plate.
In this case, the pot is on the plate and the voltage drop is high enough to exceed the pot
detection threshold (PDT), set by software at 500 mV. A certain current is now flowing
through the plate.
The pot is detected, so the system can move to the first working level: level 1.
The waveform shown in Figure 9 was taken while a 22 cm-diameter iron pot filled with water
was placed on the plate.
MAINS
VLINK
ZVS
I - CTRL
PDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com