Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2383 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2383
Description  A single plate induction cooker with the ST7FLITE09Y0
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2383 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2383 Datasheet HTML 4Page - STMicroelectronics AN2383 Datasheet HTML 5Page - STMicroelectronics AN2383 Datasheet HTML 6Page - STMicroelectronics AN2383 Datasheet HTML 7Page - STMicroelectronics AN2383 Datasheet HTML 8Page - STMicroelectronics AN2383 Datasheet HTML 9Page - STMicroelectronics AN2383 Datasheet HTML 10Page - STMicroelectronics AN2383 Datasheet HTML 11Page - STMicroelectronics AN2383 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Schematic
AN2383
8/39
Doc ID 12433 Rev 3
3
Schematic
Although the schematic is not very complex, this section presents the different parts as
separate topics:
●
Mains, DC link and zero voltage switching
●
Isolated power supply
●
Power stage
●
Feedbacks
●
MCU pin configuration
The user interface schematic is not presented in this section. It is discussed and analyzed in
Section 8.
3.1
Mains, DC link voltage and zero voltage switching
Figure 2.
Mains and +325 volt DC link
The mains is filtered and is not applied directly to the power diode bridge: for safety reasons,
it goes through a relay. This means that the DC link voltage is not applied to the IGBT while
the system is off.
The 14 V DC relay is driven by the MCU through a classic NPN transistor. An LED is also
present.
When the system is on - and the AC line is applied to the power diode bridge - the IGBTs
are supplied with +325 V. The resistive divider sends an image of the DC link voltage to the
MCU (label VLINK). The last part of the schematic is an isolated zero voltage switching
(ZVS): a square waveform at 50 Hz synchronized with the mains (label 50 Hz).
1
2
FST2
LI N E
R1
470K
1W
ACL
1
2
FS T3
EARTH
R14
4K3
R10
4K7
R12
4K3
R13
4K3
R4
8K2
22nF
C6
D13
1N4007
VLINK
R9
8K2
3
7
4
1
8
2
5
6
RL1
12V
16A250VAC
ACN
DL1
LED
RV2
275V
50Hz
+
-
~
~ D2
25A
R2
4K7
R11
4K3
R3
10K
R15
4K3
+5V
R17
4K3
+15V
R5
470K
1W
D1
1N4007
R6
220K
TP17
RELAY
R16
2K2
3n3Y1
C2
+325V
3n3Y1
C3
RV1
460V
R7
220K
1µF
C1
275V X2
ACL
1
2
4
3
L1
TDK_T
F 2510H
TP14
1µF
C4
275VX2
1
2
FST1
NEUTRA L
Q3
BC 337
R8
270K
1
2
3
4
IS O2
PC817
1µF
C5
275VX2
AI12612



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com