Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2383 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2383
Description  A single plate induction cooker with the ST7FLITE09Y0
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2383 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2383 Datasheet HTML 16Page - STMicroelectronics AN2383 Datasheet HTML 17Page - STMicroelectronics AN2383 Datasheet HTML 18Page - STMicroelectronics AN2383 Datasheet HTML 19Page - STMicroelectronics AN2383 Datasheet HTML 20Page - STMicroelectronics AN2383 Datasheet HTML 21Page - STMicroelectronics AN2383 Datasheet HTML 22Page - STMicroelectronics AN2383 Datasheet HTML 23Page - STMicroelectronics AN2383 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Measurements at 50 Hz
AN2383
20/39
Doc ID 12433 Rev 3
5.7
Removing the pot
A pot placed on the plate may be removed at any time, including when the system is
working.
As seen before, the voltage drop present in the VLINK signal determines whether a pot is
placed on the plate or not. The VLINK signal is captured continuously while system is
working.
Lifting the pot up from the plate causes the voltage drop in the VLINK signal to decrease. As
soon as the voltage drop rises over the pot detection threshold (PDT), the MCU recognizes
that the pot has been removed.
The PWM signal is not stopped at once, but smoothly increased until the 50 kHz frequency
is reached, and then stopped. This procedure avoids current spikes on the resonant tank
line and prevents the power stage burning or being damaged.
At this point, the system is still on, without a pot on the plate. The MCU powers on the plate
5 times with a break of 10 seconds between one powering sequence and the other. If no pot
is placed back on the plate during this time, the system returns to standby mode.
This feature is very useful in cases where the user removes the pot and forgets to turn off
the induction cooking system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com