Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2383 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2383
Description  A single plate induction cooker with the ST7FLITE09Y0
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2383 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2383 Datasheet HTML 29Page - STMicroelectronics AN2383 Datasheet HTML 30Page - STMicroelectronics AN2383 Datasheet HTML 31Page - STMicroelectronics AN2383 Datasheet HTML 32Page - STMicroelectronics AN2383 Datasheet HTML 33Page - STMicroelectronics AN2383 Datasheet HTML 34Page - STMicroelectronics AN2383 Datasheet HTML 35Page - STMicroelectronics AN2383 Datasheet HTML 36Page - STMicroelectronics AN2383 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
AN2383
Bill of material
Doc ID 12433 Rev 3
33/39
Table 3.
Bill of material (part 3 of 3)
Item
Quantity
Reference
Part
Supplier
66
1
R31
33R 2W
67
1
R32
2K7 1% ½ W metal oxide
68
1
R33
n. c.
69
1
R34
1K8 1% ½ W metal oxide
70
1
R40
62K 1% ½ W metal oxide
71
2
R41, R42
100K 1% ½ W metal oxide
72
2
R44, R51
1M 1% ½ W metal oxide
73
1
R45
12K 5% ¼ W
74
1
R47
24K 1% ½ W metal oxide
75
1
R49
100 5% ¼ W
76
1
TH1
Thermostat connection
77
19
TP1, TP2, TP3, TP4, TP5, TP6,
TP7, TP8, TP9, TP10, TP11,
TP12, TP13, TP14, TP15, TP16,
TP17, TP18, TP19
Test point
78
2
ISO1, ISO2
PC817 optocoupler DIP4
79
1
TR1
1.5KE
ST
80
1
T1
Customized trafo
Tronic (CZ)
81
1
T2
TDK_CT034
TDK
82
1
U1
ST7FLITE09Y0
ST
83
1
U2
L6384
ST
84
1
U3
LM258
ST
85
1
U4
VIPer22A
ST
86
1
U5
TL431I
ST
87
1
U6
L7805CV
ST
88
1
U7
STP08CP05
ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com