Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2476 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2476
Description  STR75x low power modes
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2476 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2476 Datasheet HTML 2Page - STMicroelectronics AN2476 Datasheet HTML 3Page - STMicroelectronics AN2476 Datasheet HTML 4Page - STMicroelectronics AN2476 Datasheet HTML 5Page - STMicroelectronics AN2476 Datasheet HTML 6Page - STMicroelectronics AN2476 Datasheet HTML 7Page - STMicroelectronics AN2476 Datasheet HTML 8Page - STMicroelectronics AN2476 Datasheet HTML 9Page - STMicroelectronics AN2476 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Power supply and clocks
AN2476
6/49
In STANDBY mode (see Section 1.8.6: STANDBY mode on page 22):
●
the Main Voltage Regulator is disabled (output VCORE is hi-Z), the kernel is powered-off
●
the Low Power Voltage Regulator powers the backup circuitry.
Figure 2.
STANDBY mode in power supply scheme 1
In STOP mode (where all clocks are disabled), it is possible to disable the Main Voltage
Regulator and to power both the backup circuitry and the kernel logic with the Low Power
Voltage Regulator (see Section 1.8.5: STOP mode on page 18)
Figure 3.
Stop mode in power supply scheme 1 when MVREG is off
MAIN
VOLTAGE
KERNEL LOGIC
BACKUP
V18_BKP
VCORE = HI-Z
(CPU &
DIGITAL &
VDD_IO
(OSC32K, RTC
REGULATOR
MEMORIES)
CIRCUITRY
WAKEUP LOGIC,
BACKUP REGISTERS)
IN STANDBY MODE THIS BLOCK IS KEPT POWERED ON
STANDBY
POWER
SWITCH
VBACKUP
MODE
OFF
~1.6V
UNPOWERED
LOW POWER
VOLTAGE
REGULATOR
VMVREG = HI-Z
V18
VLPVREG ~1.4V
MAIN
VOLTAGE
KERNEL LOGIC
BACKUP
VCORE
(CPU &
DIGITAL &
(OSC32K, RTC
REGULATOR
MEMORIES)
CIRCUITRY
WAKEUP LOGIC,
BACKUP REGISTERS)
STOP
POWER
SWITCH
VBACKUP
MODE
OFF
DISABLED (NO CLOCKS)
LOW POWER
VOLTAGE
REGULATOR
V18_BKP
VDD_IO
V18
VMVREG = HI-Z
VLPVREG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com