Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2476 Datasheet(PDF) 44 Page - STMicroelectronics

Part # AN2476
Description  STR75x low power modes
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2476 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button AN2476 Datasheet HTML 40Page - STMicroelectronics AN2476 Datasheet HTML 41Page - STMicroelectronics AN2476 Datasheet HTML 42Page - STMicroelectronics AN2476 Datasheet HTML 43Page - STMicroelectronics AN2476 Datasheet HTML 44Page - STMicroelectronics AN2476 Datasheet HTML 45Page - STMicroelectronics AN2476 Datasheet HTML 46Page - STMicroelectronics AN2476 Datasheet HTML 47Page - STMicroelectronics AN2476 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
Operating measurements
AN2476
44/49
When the 4MHz external Quartz oscillator is disconnected, the VCO of the PLL (FREEOSC)
supplies the system clock. Once the 4MHz clock has recovered (by connecting the 4MHz
Quartz oscillator) the system clock is reconfigured to 64 MHz.
If the system fails to enter WFI mode, an LED connected to P2.19 pin is turned on.
●
Directory contents
–
75x_conf.h : Library Configuration file
–
75x_it.c : Interrupt handlers
–
main.c : Main program
●
Hardware environment
–
Connect two LEDs to P2.18 and P2.19 pins (respectively LD4 and LD5 on
STR75x-EVAL board).
–
Connect a push-button to WKP_STDBY pin (P1.15) (Wakeup push-button on
STR75x-EVAL board).
–
Connect a push-button to EXTIT line7 pin (P1.05) (Key push-button on STR75x-
EVAL board).
–
On the STR75x-EVAL board the 4MHz Quartz oscillator is mounted on socket so it
is easy to disconnect it.
●
How to use it
In order to make the program work, you must do the following :
a)
Create a project and setup all your toolchain's start-up files
b)
Compile the directory content files and required Library files :
75x_lib.c
75x_rtc.c
75x_gpio.c
75x_mrcc.c
75x_eic.c
75x_extit.c
75x_cfg.c
c)
Link all compiled files and load your image into Flash
d)
Run the example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com