Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2476 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2476
Description  STR75x low power modes
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2476 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2476 Datasheet HTML 21Page - STMicroelectronics AN2476 Datasheet HTML 22Page - STMicroelectronics AN2476 Datasheet HTML 23Page - STMicroelectronics AN2476 Datasheet HTML 24Page - STMicroelectronics AN2476 Datasheet HTML 25Page - STMicroelectronics AN2476 Datasheet HTML 26Page - STMicroelectronics AN2476 Datasheet HTML 27Page - STMicroelectronics AN2476 Datasheet HTML 28Page - STMicroelectronics AN2476 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
AN2476
Power supply and clocks
25/49
1.8.7
Auto-Wake-Up (AWU) from low power mode
The RTC can be used to wake-up the MCU from Low Power Mode without depending on an
external interrupt (Auto-Wake-Up mode). The RTC provides a programmable time base for
waking-up from STOP or STANDBY mode at selectable intervals (using the alarm event).
For this purpose, two alternative RTC clock sources can be selected by programming the
CKRTCSEL[1:0] bits in the MRCC_PWRCTRL register:
●
Low Power 32.768kHz crystal oscillator (OSC32K).
This clock source provides a precise time base with very low power consumption (less
than 1µA added consumption in typical conditions)
●
Internal Low Power RC Oscillator (LPOSC)
This clock source has the advantage of saving the cost of the 32.768kHz crystal. This
internal RC Oscillator is designed to add minimum power consumption (2µA added
consumption in typical conditions).
Table 5.
STANDBY mode functionality
Feature
Functionality in STANDBY mode
RTC enabled
RTC disabled
RTC clock source
LPOSC or OSC32K
None
Voltage Regulators
LPVREG
OSC4M oscillator
Not powered
PLL + Clock Detector (CKD)
Not powered
Flash memory
Not powered
NRSTIN
Yes
External Interrupts
WKP_STDBY pin
RTC Alarm
Yes
No
Clock Detector
No
Wake-up latency due to:
MVREG + FLASH + OSC4M
Clock configuration state after wake-up
Reset state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com