Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2476 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2476
Description  STR75x low power modes
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2476 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2476 Datasheet HTML 10Page - STMicroelectronics AN2476 Datasheet HTML 11Page - STMicroelectronics AN2476 Datasheet HTML 12Page - STMicroelectronics AN2476 Datasheet HTML 13Page - STMicroelectronics AN2476 Datasheet HTML 14Page - STMicroelectronics AN2476 Datasheet HTML 15Page - STMicroelectronics AN2476 Datasheet HTML 16Page - STMicroelectronics AN2476 Datasheet HTML 17Page - STMicroelectronics AN2476 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
Power supply and clocks
AN2476
14/49
1.8
Low power modes
Several low power modes are implemented to reach the best compromise between lowest
power consumption, fastest start-up time and available wake-up sources:
●
SLOW MODE: System clock speed is reduced
●
PCG MODE: APB Peripherals Clock Gating
●
WFI MODE: Wait For Interrupts
●
STOP MODE: All clocks are disabled
●
STANDBY MODE: Part of the chip is unpowered
Software has to execute the low power bit writing sequence (see below) to enter WFI, STOP
or STANDBY modes. This sequence protects the application from entering a low power
mode unintentionally.
1.8.1
Low power bit writing sequence
WFI, STOP or STANDBY modes are entered by software writing the following specific
sequence to the LP bit in the MRCC_PWRCTRL register.
Before executing the sequence, LP_DONE bit status must be previously cleared.
●
Write LP bit to ‘1’
●
Write LP bit to ‘1’
●
Write LP bit to ‘0’
●
Write LP bit to ‘1’
●
Read LP: if successful, LP is first read at 1 and then cleared by hardware when
entering in Low Power Mode.
This sequence is performed by internal function of the library Section 2: STR750 library low
power mode functions on page 26.
If this sequence is not performed correctly or if LP_DONE was not cleared, the sequence is
automatically reset and must be re-executed from the beginning.
To abort the sequence, simply write twice the LP bit to ‘0’.
The LP_DONE status flag is set after a successful LP bit writing sequence (meaning that
the system has entered and exited the low power mode). This information is useful to know
if the low power mode has been effectively entered or not.
As soon as the LP bit writing sequence is initiated:
●
The MRCC_PWRCTRL register is locked (any write access other than to the LP bit will
be discarded) until the sequence is completed or aborted
●
Interrupts are masked (IRQ and FIQ signals to the ARM CPU are gated) until the
sequence is completed or aborted
Any interrupts which occur during this sequence will not be lost: they will be served after the
sequence is completed or aborted.
Before performing the sequence, all pending bit interrupts used to wake-up from STOP
mode should be cleared.
If any interrupts from an external interrupt line, an RTC alarm or NCKDF (no clock detected)
event are still pending, the sequence will not performed correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com